Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FRS-R-10

  • AI
    The **FRS-R-10** is a specific model of high-performance industrial fuse manufactured by **Bussmann (Eaton)**. It belongs to the **Fusetron™** series and is widely used in electrical systems for motor protection and general-purpose circuit shielding. --- ## 1. Technical Specifications The following table outlines the key electrical characteristics of the FRS-R-10: | Feature | Specification | | :--- | :--- | | **Model Number** | FRS-R-10 | | **Amperage Rating** | 10 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Fuse Class** | Class RK5 | | **Type** | Dual-Element, Time-Delay | | **Body Material** | Fiberglass Tube | --- ## 2. Key Electronic Features ### A. Dual-Element Construction Unlike a standard fast-acting fuse, the FRS-R-10 has two distinct components: 1. **Thermal Element:** Handles low-level overloads. It is designed to tolerate temporary surges (like motor startups) without blowing. 2. **Magnetic Element:** Handles short circuits. It reacts almost instantaneously to high-current faults to prevent fire or equipment damage. ### B. Time-Delay Function This is the most critical feature for "inductive" loads. When an electric motor starts, it draws a current significantly higher than its operating current (inrush current). The FRS-R-10 is engineered to wait (delay) for a specific duration to see if the surge subsides. If the high current persists, it opens the circuit. ### C. Current Limitation The FRS-R-10 is "current-limiting." This means in the event of a massive short circuit, the fuse clears the fault so fast that it prevents the current from ever reaching its full peak potential, protecting downstream components from mechanical stress and heat. --- ## 3. Physical Dimensions (Class RK5) The physical size is standardized to ensure it fits into specific fuse blocks: * **Length:** 5.0 inches (127 mm) * **Diameter:** 0.81 inches (20.6 mm) --- ## 4. Typical Applications * **Motor Control Centers:** Provides "Type 2" protection for motor starters. * **Transformers:** Protects against secondary short circuits. * **General Feeder Circuits:** Used in industrial panels where 600V protection is required. * **Branch Circuit Protection:** Ensuring individual equipment doesn't cause a total system failure.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse like the FRS-R-10?
    • ⤷ Can the FRS-R-10 be used in a 240V circuit instead of 600V?
    • ⤷ How do you test if an FRS-R-10 fuse is blown using a multimeter?