AI

## FRN-R-85: Technical Overview and Specifications
The **FRN-R-85** is a high-performance industrial fuse belonging to the **Fusetron™** series, manufactured by Eaton (Bussmann Division). It is classified as a dual-element, time-delay fuse designed specifically for motor circuits and inductive loads.
### 1. Core Specifications
| Feature | Specification |
|:---|:---|
| **Part Number** | FRN-R-85 |
| **Amperage Rating** | 85 Amps |
| **Voltage Rating (AC)** | 250 Volts |
| **Voltage Rating (DC)** | 125 Volts |
| **Interrupting Rating** | 200,000A (RMS Symmetrical) |
| **Fuse Class** | Class RK5 |
| **Mounting Style** | Blade / Cartridge |
---
### 2. Key Electronic Characteristics
#### A. Dual-Element Design
Unlike standard "one-time" fuses, the FRN-R-85 contains two distinct internal components:
1. **Thermal Element:** Handles long-term overloads (e.g., 135% of rating). It allows for temporary surges without blowing.
2. **Magnetic/Instantaneous Element:** Responds rapidly to short circuits or heavy faults, clearing the circuit in milliseconds.
#### B. Time-Delay Functionality
This fuse is engineered to ignore the **inrush current** typically associated with starting electric motors. It can typically hold 500% of its rated current for a minimum of 10 seconds, preventing "nuisance blowing" during equipment startup.
#### C. Current Limitation
As a Class RK5 fuse, it provides a high degree of current limitation. In the event of a catastrophic short circuit, it physically limits the amount of peak energy (let-through current) that reaches downstream components, protecting sensitive electronics and preventing arc flash damage.
---
### 3. Physical Dimensions & Material
* **Body Material:** High-grade fiberglass or melamine tube for heat resistance.
* **Terminal Type:** Knife-blade (the "R" in the part number signifies the rejection feature).
* **Rejection Feature:** The blade has a specific notch that fits into Class R fuse blocks. This prevents the installation of lower-rated fuses (like Class H) into the circuit, ensuring safety standards are maintained.
---
### 4. Typical Applications
* **Motor Control Centers (MCCs):** Used as branch circuit protection for large motors.
* **Inductive Loads:** Transformers and solenoids that experience high initial surges.
* **General Feeders:** Protecting power distribution panels in industrial environments.
- ⤷
What is the difference between Class RK1 and Class RK5 fuses like the FRN-R-85?
- ⤷ Can this fuse be used in a 480V circuit if the amperage is lower?
- ⤷ How do I test if an FRN-R-85 fuse is blown using a multimeter?