Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FPM4182H-R010CFR

  • AI
    The **FPM4182H-R010CFR** is a high-precision, high-power **Current Sense Resistor** (often categorized as a Shunt Resistor). These components are critical in power electronics for monitoring current flow by measuring the voltage drop across a known low resistance. --- ## 1. Key Technical Specifications Below are the primary electronic characteristics typical for this specific series and part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ohms) | | **Power Rating** | 3W - 5W (Depending on PCB heat dissipation) | | **Tolerance** | ±1% (denoted by 'F' in some coding) | | **Construction** | Metal Plate / Shunt Technology | | **Temperature Coefficient (TCR)** | Low (typically < 50 ppm/°C) | | **Package Style** | Surface Mount (SMD) - High Power footprint | --- ## 2. Structural Composition The part is engineered to handle high current loads without significant thermal drift. * **Resistive Element:** Usually a specialized manganese-copper or nickel-chromium alloy. These materials provide a stable resistance even as the component heats up. * **Terminations:** Large copper or tin-plated terminals designed for low contact resistance and efficient heat transfer to the PCB copper planes. * **Molding:** Encapsulated in a flame-retardant epoxy or ceramic-based housing to protect the metal element from oxidation. --- ## 3. Operating Principle The component operates based on **Ohm’s Law ($V = I \times R$)**. 1. The resistor is placed in series with the load. 2. As current ($I$) passes through the **10 mΩ** element, a small voltage ($V$) is generated. 3. Because the resistance ($R$) is extremely low, power loss ($P = I^2 \times R$) is minimized. 4. A sensing circuit (Current Sense Amplifier) measures the millivolt drop to determine the exact amperage. --- ## 4. Typical Applications The FPM4182H-R010CFR is commonly found in circuits requiring robust power management: * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **DC-DC Converters:** Providing feedback loops for current-mode control. * **Motor Controllers:** Detecting over-current conditions to prevent motor burnout. * **Automotive Electronics:** Power distribution units and electronic power steering. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its wattage?
    • ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of the current reading?
    • ⤷ What are the recommended PCB layout techniques for 4-terminal sensing with this part?