Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FPM3254H-R010BFR

  • AI
    Based on the model number provided, the **FPM3254H-R010BFR** is typically identified as a high-precision **Current Sense Resistor** (specifically a Shunt Resistor). These components are critical in power management circuits for measuring current flow by monitoring the voltage drop across them. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like ISABELLENHÜTTE or similar precision component makers). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense / Shunt Resistor | | **Resistance Value** | 10 mΩ (0.010 Ohms) | | **Power Rating** | High Power (Specific to package, often 3W - 7W) | | **Tolerance** | ±1.0% or ±0.5% (High Precision) | | **Temperature Coefficient (TCR)** | Very Low (e.g., < 50 ppm/K) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Internal Construction and Materials The "Electronic Parts" within this component are not active silicon but rather specialized metallic alloys designed for stability. * **Resistive Element:** Usually made of **Manganin** or **Zeranin**. these alloys are chosen because their resistance changes very little even as they heat up. * **Terminal Design:** Often utilizes a "4-terminal" (Kelvin) or optimized 2-terminal layout to eliminate the resistance of the solder joints from the measurement. * **Substrate:** Heat-conductive ceramic or metal plate to dissipate heat generated by high current. --- ### 3. Functional Role in a Circuit The FPM3254H acts as a transducer, converting **Current (I)** into **Voltage (V)** according to Ohm's Law ($V = I \times R$). #### Typical Applications: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicles or laptops. 2. **Motor Control:** Detecting over-current conditions to protect the motor. 3. **DC-DC Converters:** Providing feedback to the controller to regulate output power. 4. **Inverters:** Measuring phase currents in renewable energy systems. --- ### 4. Decoding the Part Number (Estimated) | Segment | Meaning | | :--- | :--- | | **FPM** | Series designation (Power Metal Strip/Precision Shunt) | | **3254** | Physical size (e.g., 3.2mm x 5.4mm footprint) | | **R010** | Resistance value: 0.010 Ohms (10 mΩ) | | **B/F/R** | Tolerance grade and Packaging (Tape & Reel) | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current capacity for a 10mΩ shunt resistor like this?
    • ⤷ How does the Kelvin 4-wire connection improve measurement accuracy?
    • ⤷ What are the common failure modes for high-power shunt resistors?