Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FPM-3151G-R3BE

  • AI
    The **FPM-3151G-R3BE** is an industrial-grade 15" XGA TFT LED LCD flat panel monitor manufactured by Advantech. It is designed for harsh environments, featuring a robust physical build and specific electronic components to ensure stability and longevity. --- ### 1. Core Display Specifications The electronic heart of the unit is its industrial display panel, which differs from consumer monitors in terms of brightness and lifecycle. | Component | Specification | Description | | :--- | :--- | :--- | | **Display Type** | XGA TFT LED LCD | Provides 1024 x 768 resolution. | | **Backlight** | LED | Offers a 50,000-hour MTBF (Mean Time Between Failures). | | **Luminance** | 400 $cd/m^2$ | High brightness for visibility in industrial lighting. | | **Contrast Ratio** | 700:1 | Sharpness between light and dark areas. | --- ### 2. Control and Input Interface The electronic assembly includes an Integrated Controller Board that handles signal conversion (analog/digital to the panel's native LVDS). * **Video Inputs:** * **VGA Port:** For legacy analog signals. * **DVI-D Port:** For digital video signals, ensuring no loss in image quality over longer cables. * **OSD (On-Screen Display):** Located on the rear panel, these electronic membrane switches allow for adjusting contrast, brightness, and horizontal/vertical positioning. --- ### 3. Touchscreen Electronics The "R" in the model name signifies a **Resistive** touch screen. * **Technology:** 5-wire resistive sensor. * **Interface:** Dual-mode support via **RS-232 (COM)** or **USB**. * **Durability:** The electronic sensor is rated for 36 million touches at a single point. * **Driver Support:** The controller chip supports multi-OS environments (Windows, Linux). --- ### 4. Power Management Industrial electronics require stable power regulation to protect against voltage spikes common in factories. * **Input Voltage:** 24 $V_{DC}$ (Direct Current) via a Phoenix terminal block. * **Power Consumption:** Typical 18W (±20%). * **Adapter:** Includes a 60W AC-to-DC power adapter (100-240 $V_{AC}$ input). --- ### 5. Environmental Protection (I/O & Circuitry) The internal circuitry is protected by the following electronic/physical standards: * **Anti-Corrosion:** The chassis is made of Al-Mg alloy, preventing electrical interference and corrosion. * **IP65 Rating:** The front panel is electronically sealed against dust and water jets. * **Vibration Resistance:** Internal connectors are reinforced to withstand 1Grms random vibration (5 ~ 500 Hz).
    ✨ Follow-up Questions
    • ⤷ How does the 5-wire resistive touch technology differ electronically from capacitive touch?
    • ⤷ What are the specific pinout details for the 24V DC terminal block?
    • ⤷ Can this monitor be used with a HDMI source using an electronic adapter?