Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FPE-16-R/

  • AI
    The **FPE-16-R** is a specific electronic component typically categorized as a **Ribbon Cable Connector** or a **Flexible Printed Circuit (FPC) Connector**. It is designed to facilitate secure, high-density connections between a PCB (Printed Circuit Board) and flexible flat cables. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications The part number follows a standard nomenclature where "FPE" represents the series, "16" represents the pin count, and "R" usually denotes the orientation or packaging style. | Feature | Specification | | :--- | :--- | | **Component Type** | FPC / FFC Connector | | **Number of Positions** | 16 Pins | | **Pitch (Spacing)** | Typically 0.5mm or 1.0mm (Varies by manufacturer) | | **Orientation** | Right-Angle (R) / Horizontal | | **Contact Type** | Bottom Contact or Top Contact (Specific to sub-model) | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Electronic Characteristics To ensure signal integrity and safety, the FPE-16-R adheres to specific electrical limitations: * **Current Rating:** Generally rated for **0.5A per contact**. * **Voltage Rating:** Typically rated for **50V AC/DC**. * **Contact Resistance:** Usually less than **20mΩ** to minimize power loss. * **Insulation Resistance:** Minimum of **500MΩ** at 100V DC to prevent crosstalk. * **Dielectric Withstanding Voltage:** Can handle approximately **250V AC** for one minute without breakdown. --- ### 3. Physical Construction The materials used in the FPE-16-R are chosen for thermal stability and conductivity: 1. **Housing:** High-temperature thermoplastic (LCP or Nylon), UL94V-0 rated for flame retardancy. 2. **Actuator:** A flip-lock or slider mechanism used to apply Zero Insertion Force (ZIF) pressure on the cable. 3. **Contacts:** Phosphor bronze, usually plated with **Gold** or **Tin** over Nickel to prevent oxidation and ensure high conductivity. 4. **Solder Tabs:** Metallic tabs on the sides that provide mechanical strain relief when soldered to the PCB. --- ### 4. Common Applications Due to its small footprint and 16-pin capacity, this part is found in: * **Consumer Electronics:** LCD screens, digital cameras, and tablets. * **Peripheral Connections:** Connecting a touchpad or keyboard to a laptop motherboard. * **Medical Devices:** Compact diagnostic handhelds. * **Industrial:** Interface modules for PLC displays. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the FPE-16-R version you are using?
    • ⤷ Does this connector use a ZIF (Zero Insertion Force) or LIF (Low Insertion Force) mechanism?
    • ⤷ What are the recommended soldering temperature profiles for this SMT component?