Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FP2-D120-R

  • AI
    The **FP2-D120-R** is a specific electronic component, typically identified as a **High-Current Power Choke (Inductor)**, often manufactured by companies like Cooper Bussmann (Eaton). It is widely used in high-frequency DC-DC converters and voltage regulator modules (VRMs). --- ### Technical Specifications | Parameter | Specification (Typical) | |:---|:---| | **Inductance** | 120 nH (0.12 µH) | | **Current Rating (Irms)** | ~40 Amps to 60 Amps (Depending on thermal limits) | | **Peak Current (Isat)** | ~80 Amps to 100 Amps | | **DC Resistance (DCR)** | Extremely Low (~0.29 mΩ) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | --- ### Key Electronic Features 1. **Low DCR (DC Resistance):** The "D120" series is designed with a flat-wire or foil construction. This minimizes power loss due to heat, making it highly efficient for high-current power supplies. 2. **High Saturation (Isat):** The core material is engineered to handle massive spikes in current without the inductance dropping significantly. This is critical for protecting power stages in CPUs or GPUs. 3. **Ferrite Core Technology:** The "FP" (Flat-Pac) series uses a ferrite core which offers low core losses at high switching frequencies (up to 2 MHz or more). 4. **Magnetic Shielding:** The part is generally shielded to prevent Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB. --- ### Common Applications * **Multi-phase VRMs:** Found on high-end computer motherboards and server cards to provide stable voltage to processors. * **DC-DC Converters:** Used in point-of-load (POL) modules. * **Network Equipment:** High-speed routers and switches that require dense power management. * **Industrial Power Supplies:** Where space is limited but high power density is required. --- ### Breakdown of the Part Number (Naming Convention) * **FP2:** Refers to the physical package size and series (Flat-Pac size 2). * **D120:** Represents the inductance value (120 nanohenries). * **R:** Usually indicates that the part is RoHS compliant (lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the significance of the low DCR value in this inductor?
    • ⤷ How does magnetic saturation affect the performance of the FP2-D120-R?
    • ⤷ What are the recommended soldering profiles for this SMD component?