Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FP0906R1-R15-R

  • AI
    ## Technical Overview of FP0906R1-R15-R The **FP0906R1-R15-R** is a high-current, non-isolated power inductor typically used in multi-phase Voltage Regulator Modules (VRMs) and DC-DC converters. It belongs to the FP0906R series, characterized by its "flat-pac" design and high frequency performance. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 150 nH (0.15 µH) | | **Tolerance** | ±10% | | **DCR (Direct Current Resistance)** | ~0.29 mΩ (Typical) | | **Isat (Saturation Current)** | ~65 A to 100 A (Depending on temperature) | | **Irms (Rated Current)** | ~55 A | | **Dimensions** | ~9.2 x 6.2 x 5.8 mm | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown The nomenclature for this part (manufactured primarily by Eaton/Bussmann) follows a specific logic: * **FP0906**: Series name and physical size (approx. 9mm x 6mm footprint). * **R1**: Revision or internal designator for the winding structure. * **R15**: Represents the inductance value. `R` acts as a decimal point ($0.15 \mu H$). * **-R**: Indicates compliance with **RoHS** (Lead-free). --- ### 3. Core Features and Applications #### Features * **High Frequency Performance:** Optimized for switching frequencies up to several MHz. * **Low DCR:** The use of flat wire or specialized ferrite cores minimizes power loss due to resistance, enhancing efficiency. * **High Saturation:** Designed to handle high current spikes without the inductance dropping significantly. * **SMD Design:** Surface-mount packaging suitable for automated pick-and-place assembly. #### Typical Applications * **Computing:** CPU and GPU power supplies (Vcore) in servers and workstations. * **Data Centers:** High-density power modules and Point-of-Load (PoL) converters. * **Networking:** Switches and routers requiring high current at low voltages. --- ### 4. Implementation Considerations When designing a PCB with the FP0906R1-R15-R, consider the following: ```markdown 1. Thermal Management: Even with low DCR, at 50A+ currents, the component generates heat. Ensure adequate copper planes for heat sinking. 2. Saturation Margin: Always check the Isat rating at your maximum operating temperature (e.g., 100°C) rather than just room temperature. 3. Pad Layout: Use the manufacturer's recommended land pattern to ensure reliable solder joints for high-current paths. ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation curve behavior of the FP0906R series at high temperatures?
    • ⤷ How does the R15 inductance value compare to the R22 in terms of DCR and current rating?
    • ⤷ What are the recommended alternatives for high-density VRM designs?