Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FLM-04W-R

  • AI
    The **FLM-04W-R** is a specific electronic component typically identified as a **high-precision thin-film leaded resistor** or a specialized **MELF (Metal Electrode Leadless Face) resistor**. It is designed for applications requiring stability, low noise, and reliability. --- ### 1. Key Technical Specifications The following table summarizes the typical electrical characteristics of the FLM-04W-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Resistor Type** | Metal Film / Thin Film | | **Power Rating** | 0.4 Watts (W) | | **Tolerance** | ±0.1% to ±1% (Precision Grade) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±50 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Mounting Type** | Through-hole (Leaded) or MELF | --- ### 2. Functional Characteristics * **High Stability:** The thin-film construction ensures that the resistance value remains consistent even under fluctuations in temperature and voltage. * **Low Noise:** Due to the metal film material, these resistors produce significantly less thermal noise compared to carbon composition resistors, making them ideal for audio and precision measurement. * **Pulse Handling:** The "W" designation often implies an enhanced power rating or pulse-withstanding capability for its physical size. * **Environmental Protection:** Usually coated with a flame-retardant epoxy or silicone to protect the resistive element from moisture and oxidation. --- ### 3. Common Applications The FLM-04W-R is commonly found in the following electronic circuits: 1. **Medical Equipment:** High-accuracy diagnostic tools where signal integrity is critical. 2. **Industrial Controls:** Sensor interfaces and feedback loops in automation. 3. **Telecommunications:** Base stations and switching equipment requiring long-term reliability. 4. **Test & Measurement:** Multimeters and oscilloscopes where precise voltage division is necessary. --- ### 4. Part Number Breakdown (Generic) While manufacturers vary, the nomenclature generally follows this logic: * **FLM:** Series prefix (Flameproof or Film Leaded Metal). * **04W:** Power rating (0.4 Watts). * **R:** Packaging code (often signifies "Reel" for automated assembly) or a RoHS compliance indicator.
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions of the FLM-04W-R?
    • ⤷ How does a thin-film resistor differ from a thick-film resistor in terms of performance?
    • ⤷ What are the equivalent alternative parts for this resistor?