Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FLCS-0Z-R

  • AI
    The **FLCS-0Z-R** is an electronic connector component, specifically a **Flat Flex Cable (FFC) / Flexible Printed Circuit (FPC) Connector**. It is designed for high-density electronic assemblies where space-saving and reliable signal transmission are critical. --- ### 1. Technical Specifications Below are the primary electrical and mechanical characteristics of the FLCS-0Z-R: | Parameter | Specification | | :--- | :--- | | **Connector Type** | FFC/FPC Connector | | **Pitch** | 0.5 mm | | **Number of Positions** | Variable (often indicated by the base series) | | **Mounting Type** | Surface Mount (SMT), Right Angle | | **Actuator Type** | ZIF (Zero Insertion Force) or Slide Lock | | **Contact Location** | Bottom Contact (Standard) | | **Voltage Rating** | 50V AC/DC | | **Current Rating** | 0.5A per contact | --- ### 2. Key Features * **Low Profile:** The "0Z" designation often refers to the specific height profile of the connector, making it suitable for slim devices like smartphones, tablets, and laptops. * **ZIF Technology:** The Zero Insertion Force mechanism ensures that the cable can be inserted without friction, preventing wear on the delicate gold-plated traces of the FPC. * **SMT Leads:** The leads are designed for automated Solder Reflow processes, typically featuring "gull-wing" shapes for easy inspection of solder joints. * **Durability:** Usually rated for 20 to 30 mating cycles, designed for internal connections that are not frequently unplugged by the end-user. --- ### 3. Common Applications The FLCS series is widely used in compact consumer electronics: 1. **Display Panels:** Connecting LCD/OLED screens to the main PCB. 2. **Peripherals:** Linking trackpads, keyboards, or camera modules to the motherboard. 3. **Storage:** Connecting thin Solid State Drives (SSDs) or optical drives in ultra-thin notebooks. --- ### 4. PCB Footprint Example (Generic) When designing a PCB for this part, the landing pattern typically follows this structure: ```c /* Standard 0.5mm Pitch SMT Layout Note */ - Pad Width: 0.30mm - Pad Pitch: 0.50mm - Stencil Thickness: 0.12mm - Keep-out area: Required under the connector body to prevent shorts. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between ZIF and Non-ZIF connectors in the FLCS series?
    • ⤷ How should I handle the actuator to prevent damage during assembly?
    • ⤷ Are there specific FPC thickness requirements for the FLCS-0Z-R?