Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FLCS-0F-R

  • AI
    The **FLCS-0F-R** is a specific model within a series of electronic connectors, typically identified as a **FPC/FFC (Flexible Printed Circuit / Flat Flexible Cable) Connector**. These components are critical for establishing reliable electrical connections between a main PCB and peripheral devices like displays, sensors, or touchpads. --- ## 1. Technical Specifications Below are the typical electronic and physical parameters for the FLCS-0F-R series: | Parameter | Specification | | :--- | :--- | | **Connector Type** | FPC / FFC Connector | | **Pitch** | Generally 0.5mm or 1.0mm (varies by sub-series) | | **Mounting Type** | Surface Mount (SMT), Right Angle | | **Locking Mechanism** | Flip-lock (ZIF - Zero Insertion Force) or Slide-lock | | **Contact Position** | Bottom Contact (most common for -R suffix) | | **Rated Voltage** | 50V AC/DC | | **Current Rating** | 0.5A per pin | | **Contact Resistance** | 30mΩ Max | --- ## 2. Key Features The "R" suffix in this part number often denotes specific orientations or packaging standards (such as Tape & Reel). Key features include: * **ZIF Technology:** The Zero Insertion Force mechanism prevents wear on the cable's gold-plated pads during insertion. * **Low Profile:** Designed for thin consumer electronics (smartphones, tablets, and laptops). * **Heat Resistance:** Constructed using high-temperature plastics (LCP) to withstand reflow soldering processes. --- ## 3. Circuit Application In an electronic schematic, the FLCS-0F-R acts as a multi-pin bridge. Its primary roles include: 1. **Signal Integrity:** Providing a low-impedance path for high-speed data (e.g., MIPI for cameras or LVDS for screens). 2. **Power Distribution:** Carrying low-current power rails to peripheral modules. 3. **Grounding:** Multiple pins are often tied to a common ground to reduce EMI (Electromagnetic Interference). --- ## 4. Example Footprint Layout When designing a PCB for this part, the landing pattern usually follows this logic: ```c // Example Pad Definition (Non-functional Code) Pad_Width = 0.30mm; Pad_Pitch = 0.50mm; Solder_Mask_Expansion = 0.05mm; Standoff_Height = 0.00mm; // SMT Flush ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the FLCS-0F-R model you are using?
    • ⤷ Does your application require a top-contact or bottom-contact orientation?
    • ⤷ Are you looking for a direct datasheet link or a 3D CAD model for this part?