Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FL201209-R33K

  • AI
    The **FL201209-R33K** is a surface-mount (SMD) multilayer chip inductor. It is a passive electronic component commonly used for high-frequency filtering and noise suppression in compact electronic devices. --- ### 1. Part Number Deciphering To understand the technical specifications, we can break down the part number: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **FL** | **Series** | Multilayer Chip Inductor (General Purpose/High Frequency) | | **201209** | **Dimensions** | Metric size: 2.0mm x 1.25mm x 0.9mm (EIA 0805) | | **R33** | **Inductance** | 0.33 Microhenries (µH) | | **K** | **Tolerance** | ±10% | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Sunlord, TDK, or Murata), the standard specifications for this part are: * **Inductance:** 0.33 µH (330 nH) * **Tolerance:** ±10% (K) * **Case Size:** 0805 (Inch) / 2012 (Metric) * **DC Resistance (DCR):** Usually ranges between 0.15Ω to 0.40Ω depending on the current rating. * **Rated Current (Ir):** Typically between 200mA and 400mA. * **Self-Resonant Frequency (SRF):** Generally high (above 100MHz), making it suitable for high-frequency applications. * **Operating Temperature:** -40°C to +85°C (standard) or up to +125°C. --- ### 3. Construction and Materials The "FL" series uses a **Multilayer Technology** approach: 1. **Monolithic Structure:** The inductor is constructed by layering ferrite (or ceramic) materials and printing internal silver conductors. 2. **Magnetic Shielding:** Because it is a closed magnetic circuit, it offers excellent electromagnetic shielding, reducing interference with nearby components. 3. **No Crosstalk:** The high density of the multilayer design minimizes "stray" magnetic fields. --- ### 4. Typical Applications The FL201209-R33K is primarily used for: * **Power Lines:** Filtering noise in low-voltage power supply lines for mobile phones and laptops. * **Signal Lines:** Suppressing high-frequency noise in data transmission lines. * **DC-DC Converters:** Acting as a small energy storage element or ripple filter. * **Consumer Electronics:** Used in smartwatches, cameras, and portable audio players where space is limited. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between a ferrite chip inductor and a ceramic chip inductor?
    • ⤷ How does the 'R33' notation translate to Nanohenries?
    • ⤷ What is the maximum current rating for an 0805 size inductor typically?