Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FDK191-832-R-DC

  • AI
    The **FDK191-832-R-DC** is a specialized industrial-grade rackmount LCD monitor, typically utilized in mission-critical environments such as maritime navigation, industrial automation, and server room management. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The device is defined by its robust display properties and its ability to operate on Direct Current (DC). | Feature | Specification | | :--- | :--- | | **Display Type** | 19-inch TFT Active Matrix LCD | | **Resolution** | 1280 x 1024 (SXGA) | | **Power Input** | 24V DC (Standard for Industrial/Marine use) | | **Aspect Ratio** | 5:4 | | **Mounting** | 19-inch Rackmount (8U or 9U height) | | **Brightness** | Typically 250 - 350 cd/m² | --- ## 2. Key Electronic Subsystems ### A. The AD Board (Analog-to-Digital Controller) The heart of the monitor is the AD board, which converts incoming video signals (VGA, DVI) into a format the LCD panel can understand (LVDS). * **Signal Processing:** Handles scaling, color management, and refresh rates. * **OSD Control:** Manages the "On-Screen Display" electronics for brightness and contrast adjustments. ### B. DC-DC Power Converter Unlike standard consumer monitors that use AC-DC adapters, the "DC" suffix in this model indicates an internal power regulation system designed for stable DC input. * **Voltage Regulation:** Converts raw 24V DC input into stable 5V and 12V rails for the logic boards and backlight. * **Protection:** Includes surge protection and EMI filtering to handle the "dirty" power often found in industrial generators or ship engines. ### C. Backlight Inverter/LED Driver Depending on the specific revision of the FDK191 series: * **CCFL Inverter:** Older versions use high-voltage inverters to power cold-cathode lamps. * **LED Driver:** Modern "R" versions often use LED backlighting, requiring a constant-current driver circuit to ensure uniform brightness. --- ## 3. Connectivity and Interface The electronic interface on the rear panel usually includes: * **Video Inputs:** 1x VGA (D-Sub 15pin) and 1x DVI-D. * **Power Terminal:** Industrial screw-type terminal block or a locking circular connector for DC input to prevent accidental disconnection due to vibration. * **Anti-Reflective Coating:** The panel electronics are often shielded behind a protective glass layer with AR coating to improve visibility in high-glare environments. --- ## 4. Environmental Ruggedization The electronics are built to withstand harsher conditions than standard office hardware: 1. **Vibration Resistance:** Internal ribbon cables are often glued or mechanically locked. 2. **Heat Dissipation:** The metal chassis acts as a large heat sink for the internal power components. 3. **EMI Shielding:** Heavy metal casing prevents electromagnetic interference from affecting nearby sensitive radio or navigation equipment.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the 24V DC input?
    • ⤷ Does the FDK191-832-R-DC support touch screen integration?
    • ⤷ What is the power consumption in Watts during peak operation?