Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • FCRS-BC-R

  • AI
    The **FCRS-BC-R** is an electronic component primarily associated with industrial automation and control systems, specifically within the **Festo** product ecosystem or similar modular electronic architectures. It generally functions as a **Bus Coupler** or **Remote I/O Interface Module**. Below is a breakdown of its core electronic parts and functions: ### 1. Electronic Components Overview | Component Category | Description | | :--- | :--- | | **Microcontroller / Processor** | The "brain" that handles communication protocols (like EtherCAT, PROFINET, or CANopen) and coordinates data between the bus and I/O. | | **ASIC (Application Specific IC)** | Dedicated silicon designed to handle high-speed fieldbus synchronization and packet switching. | | **Voltage Regulators** | DC-DC converters that step down the 24V DC input to 3.3V or 5V required by the internal logic circuits. | | **Isolation Transformers** | Optocouplers or magnetic isolators that provide galvanic isolation between the fieldbus network and the internal electronics for noise immunity. | | **Status LEDs** | Diagnostic indicators (Run, Error, Module Status, Power) used for physical troubleshooting. | --- ### 2. Functional Electronic Blocks #### A. Power Supply Unit (PSU) The module typically features two separate power circuits: * **Logic Power:** Powers the internal CPU and communication chips. * **Field Power:** Used to supply power to connected sensors or actuators (often bridged through the backplane). #### B. Fieldbus Interface (Physical Layer) Depending on the specific sub-model (R often denotes a specific Revision or Ring-topology support), it includes **RJ45 ports** or **M12 connectors**. The electronic physical layer (PHY) ensures that signal integrity is maintained over long cable runs. #### C. Backplane Interface The pins on the side of the module utilize a proprietary serial bus to communicate with attached I/O modules. This involves high-speed shift registers or a local LVDS (Low-Voltage Differential Signaling) interface. --- ### 3. Technical Specifications (General) | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 24V DC (-15% / +20%) | | **Internal Power Consumption** | ~50mA to 150mA | | **Communication Speed** | 100 Mbps (if Ethernet-based) | | **Protection Circuitry** | Reverse polarity protection & Overcurrent fuses | --- ### 4. Programming and Addressing The module contains non-volatile memory (**EEPROM** or **Flash**) where the device description file (GSDML, ESI, or EDS) and the unique MAC address/Node ID are stored. This allows the master controller (PLC) to identify the module on the network.
    ✨ Follow-up Questions
    • ⤷ What specific fieldbus protocol does the FCRS-BC-R support?
    • ⤷ How do you perform a hardware reset on this module?
    • ⤷ What do the different LED error codes indicate on the FCRS interface?