FCR-J3-R
AI

The **FCR-J3-R** is a specific electronic interface component, primarily recognized as a **high-speed fiber optic receiver** (TOSLINK standard) manufactured by companies like Everlight or Sharp. It is designed to convert optical signals (light pulses) into electrical signals (digital logic).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The FCR-J3-R is a "shutter-type" receiver, meaning it usually features a dust-protection door for the fiber optic cable entry.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Fiber Optic Receiver (Photo-Link) |
| **Supply Voltage (Vcc)** | +2.7V to +5.5V (Standard +5V) |
| **Data Rate** | Up to 16 Mbps (High-speed) |
| **Operating Wavelength** | Peak at 660 nm (Red Light) |
| **Output Type** | TTL / CMOS Compatible |
| **Power Consumption** | Low (approx. 10-15 mA) |
---
## 2. Pin Configuration
The device typically follows a standard 3-pin layout used in digital audio and data transmission:
1. **Vout (Signal Out):** Outputs a digital voltage signal representing the received light.
2. **GND (Ground):** The common negative return.
3. **Vcc (Power):** The positive supply input.
---
## 3. Electronic Architecture
The internal circuitry of the FCR-J3-R consists of several critical stages:
* **Photodiode:** Captures the 660nm light pulses from the fiber optic cable.
* **I-V Converter:** Translates the photodiode current into a voltage.
* **Waveform Shaper:** A Schmidt trigger or comparator that cleans up the signal to ensure sharp "High" and "Low" digital transitions.
* **ATC (Automatic Threshold Control):** Maintains signal integrity even if the incoming light intensity fluctuates.
---
## 4. Common Applications
This part is predominantly found in consumer and industrial electronics requiring electrical isolation and EMI (Electromagnetic Interference) immunity.
* **Digital Audio:** The most common use is in **S/PDIF** (TOSLINK) ports for Home Theater systems, Soundcards, and DACs.
* **Industrial Automation:** Used for noise-free data transmission between high-voltage equipment.
* **Gaming Consoles:** Standard optical output for consoles like the PlayStation or Xbox.
---
## 5. Circuit Implementation Example
When integrating an FCR-J3-R into a PCB design, a decoupling capacitor is strictly required to prevent noise from affecting the sensitive optical detection.
```c
// Typical Connection Schematic Representation
[Optical Fiber] -> [FCR-J3-R Receiver]
|
(Pin 1) Vout |------> To MCU / DSP (RX Data)
(Pin 2) GND |------> System Ground
(Pin 3) Vcc |---[ 0.1uF Capacitor ]--- +5V Rail
```
- ⤷
What is the maximum transmission distance for the FCR-J3-R using standard fiber?
- ⤷ How does the FCR-J3-R differ from a fiber optic transmitter (FCT)?
- ⤷ What are the common causes of signal jitter in this receiver?