Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • F2VF-H1-R

  • AI
    The **F2VF-H1-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls where a physical user input (a "click") is required. --- ### 1. Technical Specifications The following table highlights the general technical profile for this type of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Switch / Push Button | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | ~1.6N to 2.5N (Standard click feel) | | **Contact Material** | Silver Plated (Standard) or Gold Plated | | **Operating Temperature** | -40°C to +85°C | | **Switch Function** | Momentary (Normally Open) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Features * **Tactile Feedback:** Provides a distinct physical "click" sensation to the user, confirming the switch has been depressed. * **Low Profile:** Designed with a small footprint and height, making it ideal for compact PCB (Printed Circuit Board) designs like remote controls or smartphones. * **Durability:** High cycle life, often rated for 100,000 to 1,000,000 actuations depending on the specific sub-series. * **High Temperature Resistance:** The "R" suffix often denotes "Reflow" compatibility, meaning it can withstand the high heat of automated soldering ovens. --- ### 3. Pinout and Circuitry The F2VF-H1-R is a **SPST (Single Pole Single Throw)** momentary switch. * **Pin 1 & 2:** Internally connected. * **Pin 3 & 4:** Internally connected. * **Operation:** When the button is pressed, the circuit between Pins 1/2 and Pins 3/4 is completed (Closed). When released, the spring mechanism breaks the connection (Open). --- ### 4. Common Applications 1. **Consumer Electronics:** Power buttons on laptops, volume buttons on tablets. 2. **Automotive:** Steering wheel controls, dashboard buttons, or key fobs. 3. **Industrial:** Reset switches on control boards or mode selectors. 4. **Medical:** Interface buttons on portable diagnostic equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions (mm) for the F2VF-H1-R?
    • ⤷ Is this switch available in different actuation forces?
    • ⤷ How does the 'R' suffix specifically affect the packaging (e.g.
    • ⤷ Tape & Reel)?