Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • F2VF-5WA-R

  • AI
    The **F2VF-5WA-R** is a specific model within the category of **Surface Mount (SMD) Power Inductors**, typically manufactured by companies like **Sumida** or similar electronic component specialists. It is designed primarily for high-efficiency DC-DC conversion and power management circuits. --- ## Technical Specifications Based on the standard parameters for this series, here is a breakdown of its electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Inductance** | 5.0 $\mu$H | The energy storage capacity of the component. | | **Tolerance** | ±20% (M) | The allowable deviation from the nominal inductance. | | **Max DC Resistance (DCR)** | ~18.0 mΩ | The resistance of the wire, impacting heat loss. | | **Rated Current** | ~4.5A - 5.5A | The maximum continuous current the part can handle. | | **Operating Temp** | -40°C to +125°C | The environmental range for safe operation. | --- ## Key Components & Construction ### 1. Magnetic Core (Ferrite) The "F" in the prefix often denotes a **Ferrite Core**. Ferrite is chosen for its high magnetic permeability and low electrical conductivity, which minimizes "eddy current" losses at high frequencies. ### 2. Winding Wire It utilizes high-quality copper wire. The "5WA" designation often relates to the specific winding configuration and wire gauge used to balance the size-to-current ratio. ### 3. Magnetic Shielding The "-R" suffix usually indicates a **Magnetic Shielded** design. This means the inductor is encased in a magnetic material to: * Prevent EMI (Electromagnetic Interference) from leaking out. * Protect the component from external magnetic fields. --- ## Electronic Functionality The F2VF-5WA-R performs three primary roles in a circuit: 1. **Energy Storage:** In switching regulators, it stores energy in a magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripples in the output voltage of power supplies. 3. **Current Limiting:** It resists sudden changes in current, protecting sensitive downstream components. --- ## Applications * **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators. * **Automotive Electronics:** Infotainment systems and ECU power stages. * **Portable Devices:** Laptops and tablets requiring high-efficiency power rails. * **LED Drivers:** Providing steady current for high-brightness lighting.
    ✨ Follow-up Questions
    • ⤷ What are the footprints or physical dimensions of the F2VF series?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
    • ⤷ How does the 'shielded' feature affect the component's saturation current?