Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • F2VF-0E-R

  • AI
    The **F2VF-0E-R** is a specific part number primarily associated with **JAE (Japan Aviation Electronics)**. It belongs to a specialized category of high-density connectors used in automotive and industrial electronic assemblies. --- ### ## Technical Specifications The F2VF-0E-R is typically a connector component, often used as a **plug or socket housing** within the F2VF series. Below are the general electronic and physical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Connector Housing / Header | | **Mounting Style** | Through-hole or Surface Mount (Dependent on sub-variant) | | **Pin Pitch** | Typically 2.0mm to 2.5mm (Standard for F2VF series) | | **Material** | High-temperature Thermoplastic (PBT or LCP) | | **Color** | Usually Black or Gray | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | --- ### ## Electronic Design Features The electronic design of the F2VF series focuses on **Signal Integrity** and **Durability** in harsh environments. 1. **Terminal Retention:** The "R" in the suffix often denotes a specific orientation or a revision involving **Retainer** mechanisms. This ensures that the metal crimp terminals do not back out when subjected to high vibration. 2. **Contact Resistance:** Designed to maintain low milliohm resistance to prevent voltage drops across the connection. 3. **Polarization:** The housing is keyed to prevent "mismating," which protects the sensitive electronic control units (ECUs) from short circuits during assembly. 4. **Current Rating:** Typically rated for 3A to 5A per contact, depending on the wire gauge used in the assembly. --- ### ## Common Applications Because of its robust construction, the F2VF-0E-R is found in the following electronic modules: * **Automotive ECUs:** Engine control units and body control modules. * **In-Vehicle Infotainment (IVI):** Connecting displays to the main processing unit. * **Sensor Interfaces:** High-reliability connections for ABS or airbag sensors. * **Industrial Automation:** Control panels requiring high-density pinouts. --- ### ## Example Connection Code (Schematic Representation) If you were defining this part in a CAD tool or BOM (Bill of Materials), it might be represented as follows: ```yaml Part_Number: F2VF-0E-R Manufacturer: JAE Category: Connectors, Interconnects Function: Wire-to-Board / Wire-to-Wire Attributes: - Pins: [Check specific variant for pin count] - Gender: Female/Male Housing - Material_Flammability: UL94V-0 ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the F2VF-0E-R variant?
    • ⤷ Are there specific crimp terminals required for this housing?
    • ⤷ What is the differences between the F2VF and the MX34 series?