Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • F2TS-7Z-R

  • AI
    The **F2TS-7Z-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch**. These components are widely used in consumer electronics for user interface control due to their compact size and tactile feedback. --- ### 1. Technical Specifications The following table outlines the general technical characteristics associated with this part number series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Type** | Top Actuated | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Operating Force** | 160gf to 250gf (varies by sub-model) | | **Contact Rating** | 50mA @ 12VDC | | **Travel Distance** | 0.25mm ± 0.1mm | | **Operating Life** | 100,000 to 500,000 Cycles | --- ### 2. Key Features * **Tactile Feedback:** Provides a distinct "click" sensation to the user, confirming that the switch has been successfully depressed. * **RoHS Compliant:** The "R" suffix usually denotes compliance with RoHS standards (Lead-free). * **Small Footprint:** Designed for high-density PCB layouts where space is limited. * **Durability:** Built to withstand standard reflow soldering temperatures required for automated SMT assembly. --- ### 3. Pinout and Circuitry The F2TS-7Z-R functions as a **Normally Open (NO)** switch. In its default state, the circuit is broken. When the plunger is pressed, the internal metal dome makes contact with the base, closing the circuit. ```c // Logical Representation of the Switch [ Terminal A ] ----/ ---- [ Terminal B ] (Push to Close) ``` --- ### 4. Common Applications Due to its reliability and small size, this part is found in: 1. **Consumer Electronics:** Remote controls, digital cameras, and handheld gaming devices. 2. **Home Appliances:** Control panels for microwaves, washing machines, and ovens. 3. **Industrial:** Reset buttons on PCBs and interface toggles for instrumentation. 4. **Computer Peripherals:** Keyboards (specialty keys) and mouse buttons. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension (footprint) of the F2TS-7Z-R?
    • ⤷ What are the recommended reflow soldering temperature profiles for this switch?
    • ⤷ Are there waterproof (IP-rated) versions available in this series?