Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • F2TS-10-R/

  • AI
    The **F2TS-10-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) FFC/FPC (Flexible Flat Cable / Flexible Printed Circuit) Connector**. These parts are essential for high-density electronic packaging, allowing for the connection of thin, flexible cables to a rigid PCB. --- ### ## Technical Specifications Below are the general characteristics typically associated with this series of connectors: | Feature | Specification | | :--- | :--- | | **Connector Type** | FFC/FPC Connector | | **Number of Positions** | 10 Pins | | **Pitch** | 0.5mm or 1.0mm (Series dependent) | | **Mounting Type** | Surface Mount (SMT), Right Angle | | **Contact Style** | Top or Bottom Contact (Slide/Flip Lock) | | **Plating** | Tin or Gold (indicated by "R" suffix in some catalogs) | | **Packaging** | Tape & Reel (indicated by "R") | --- ### ## Key Electronic Components & Materials 1. **Housing:** Usually made of a high-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) to withstand the heat of reflow soldering. 2. **Actuator:** A "Slide" or "Flip-lock" mechanism used to exert pressure on the flexible cable to ensure a secure electrical connection. 3. **Contact Terminals:** Copper alloy pins that bridge the connection between the FPC cable and the PCB pads. 4. **Solder Tabs:** Metal reinforcements on the sides of the connector that provide mechanical stability so the part isn't ripped off the board during cable insertion. ### ## Application Use Cases * **Mobile Devices:** Connecting LCD screens or camera modules to the main logic board. * **Laptops:** Keyboard or trackpad interfaces. * **Consumer Electronics:** Handheld gaming consoles, digital cameras, and wearables. * **Industrial:** Compact sensor interfaces where space is a premium. --- ### ## Connection Mechanism The "F2TS" series generally employs a **ZIF (Zero Insertion Force)** or **Non-ZIF** mechanism: * **ZIF:** You open the latch, slide the cable in with no resistance, and then close the latch to "bite" the cable. * **Right Angle Orientation:** The cable enters parallel to the PCB, which is ideal for low-profile devices.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the F2TS-10-R model?
    • ⤷ How does the 'R' suffix specifically affect the packaging or plating?
    • ⤷ What are the recommended reflow soldering temperature profiles for this connector?