Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ESS14

  • AI
    The **ESS14** (Electronic Soft Start) is a specialized electronic component, typically a module or integrated controller, designed to manage the startup phase of AC induction motors. Its primary function is to reduce the mechanical stress and electrical surges associated with "Direct-On-Line" starting. --- ### 1. Core Electronic Components of the ESS14 The internal architecture of an ESS14 module generally consists of the following electronic sub-systems: | Component | Function | | :--- | :--- | | **Thyristors (SCRs)** | Back-to-back Silicon Controlled Rectifiers that regulate the voltage by clipping the AC waveform. | | **Microprocessor/Logic IC** | The "brain" that calculates the firing angle of the thyristors based on settings. | | **Potentiometers** | Analog dials used to manually set the *Start Torque* and *Ramp Time*. | | **Bypass Relay** | Many ESS14 units include an internal mechanical relay that clicks on once full speed is reached to save energy. | | **Heat Sink** | Dissipates thermal energy generated by the SCRs during the high-current start phase. | --- ### 2. Technical Specifications (Typical) While specifications can vary by manufacturer (such as ABB, Schneider, or generic industrial brands), the ESS14 series usually follows these parameters: * **Operating Voltage:** 200V - 480V AC (3-Phase or Single-Phase variants). * **Current Rating:** Typically up to 14 Amperes (hence the "14" designation). * **Ramp Time:** Adjustable between 0.5 to 10 seconds. * **Start Torque:** Adjustable from 30% to 80% of direct start torque. --- ### 3. How the Electronics Control the Motor The ESS14 utilizes **Phase Angle Control**. Instead of delivering 100% voltage immediately, the electronic controller "chops" the sine wave: 1. **Initial Torque:** The electronics provide a low initial voltage to break the motor's static friction. 2. **Voltage Ramp:** The logic circuit gradually increases the conduction angle of the SCRs. 3. **Full Conduction:** Once the motor reaches nominal speed, the SCRs fully open (or the bypass relay engages), providing full line voltage. --- ### 4. Comparison: Direct Start vs. ESS14 | Feature | Direct-On-Line (DOL) | ESS14 Soft Start | | :--- | :--- | :--- | | **Inrush Current** | 600% - 800% of nominal | 200% - 400% of nominal | | **Mechanical Wear** | High (Sudden jerk) | Low (Smooth acceleration) | | **Heat Generation** | High in motor windings | Controlled and minimal | | **Power Grid Impact** | Voltage drops/flicker | Stable power delivery | --- ### 5. Wiring and Connectivity The ESS14 usually features a standard industrial terminal block: * **L1, L2, L3:** Main power input. * **T1, T2, T3:** Power output to the motor. * **Control Terminals:** Low-voltage inputs (often 24V DC or 110V/230V AC) to trigger the start/stop sequence.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between a 2-phase and 3-phase ESS14 setup?
    • ⤷ How do you troubleshoot an ESS14 module that fails to ramp up?
    • ⤷ Can an ESS14 be used to control the speed of a motor during normal operation?