ESDALD24BC
AI

The **ESDALD24BC** is a bidirectional Transient Voltage Suppressor (TVS) diode array designed specifically to protect sensitive electronic components from Electrostatic Discharge (ESD) and voltage transients.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics typically associated with the ESDALD24BC:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Reverse Stand-off Voltage** | $V_{RWM}$ | 24 | V (Max) |
| **Breakdown Voltage** | $V_{BR}$ | 26.7 | V (Min) |
| **Peak Pulse Power** | $P_{PP}$ | 200 - 350 | W (8/20µs) |
| **Capacitance** | $C_J$ | Low (< 50) | pF |
| **Package Type** | - | SOT-23 | - |
| **Configuration** | - | Bidirectional | - |
---
### 2. Functional Description
The ESDALD24BC acts as a high-speed "safety valve" for electronic circuits.
* **Bidirectional Protection:** Unlike unidirectional diodes, this part can clamp both positive and negative voltage spikes relative to ground. This makes it ideal for lines where the signal swings above and below zero or for protection against reverse-polarity transients.
* **Response Time:** It features sub-nanosecond response times, allowing it to clamp ESD strikes (which happen in billionths of a second) before they reach the IC.
* **Low Leakage:** Under normal operating conditions (below 24V), the device remains in a high-impedance state, consuming negligible current.
---
### 3. Pin Configuration & Circuit Application
The device is usually housed in a **SOT-23** package, which contains two diodes.
#### Typical Wiring:
1. **Pin 1 & 2:** Connected to the data lines or I/O lines being protected.
2. **Pin 3:** Connected to the system Ground (GND).
```mermaid
graph TD
Line1[Data Line 1] --- Pin1[Pin 1: Diode A]
Line2[Data Line 2] --- Pin2[Pin 2: Diode B]
Pin1 --- Pin3[Pin 3: GND]
Pin2 --- Pin3
```
---
### 4. Common Applications
Due to its 24V rating, this part is frequently used in industrial and automotive environments:
* **RS-485 & RS-232 Interfaces:** Protecting long-distance communication lines from noise and surges.
* **Industrial Control Systems:** Protecting 24V PLC (Programmable Logic Controller) inputs/outputs.
* **CAN Bus:** Used in automotive networking to safeguard against transients on the bus lines.
* **Power Supply Lines:** Protecting low-speed sensors and power rails.
- ⤷What is the difference between the ESDALD24BC and a standard Zener diode?
- ⤷ Can this part be used for high-speed USB data protection?
- ⤷ What are the advantages of the SOT-23 package for this TVS diode?