Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • EPC-R6410

  • AI
    The **EPC-R6410** is an ARM-based Edge Intelligence Box Computer manufactured by Advantech. It is designed for high-performance edge AI applications, leveraging the Rockchip RK3399 SoC. --- ### Core Electronic Specifications The system is built around a "High-Performance" architecture combined with low power consumption. Below is a breakdown of its primary electronic components: | Component | Specification | Description | | :--- | :--- | :--- | | **SoC (CPU/GPU)** | Rockchip RK3399 | Dual-core Cortex-A72 & Quad-core Cortex-A53 | | **Memory (RAM)** | 2GB / 4GB LPDDR4 | High-speed memory for multitasking | | **Storage (eMMC)** | 16GB / 32GB eMMC | On-board industrial-grade flash storage | | **Graphics** | Mali-T860 MP4 | Supports H.264/H.265 4K video hardware decoding | | **Display Outputs** | HDMI 2.0 / LVDS / eDP | Multiple interfaces for high-resolution displays | | **Wireless** | M.2 Key-E / Mini-PCIe | Expansion slots for Wi-Fi, Bluetooth, and LTE | --- ### Key Internal Interfaces The EPC-R6410 features a variety of electronic headers and connectors for industrial integration: #### 1. Power Circuitry * **Input Voltage:** 12V DC input via a lockable DC jack. * **Power Consumption:** Optimized for low power (approx. 6W ~ 12W depending on load). #### 2. Communication I/O * **Serial Ports:** Includes RS-232, RS-485, and RS-422 for legacy industrial equipment. * **GPIO:** 8-bit General Purpose Input/Output for controlling relays or reading sensors. * **Ethernet:** Dual Gigabit Ethernet (10/100/1000 Mbps) for redundant networking. #### 3. Expansion Slots * **M.2 Slot:** Usually used for high-speed Wi-Fi or AI acceleration modules. * **Mini-PCIe:** Supports 4G/LTE modules for remote edge connectivity. * **MicroSD Slot:** For additional storage expansion or OS recovery. --- ### Electronic Environmental Protection The EPC-R6410 is engineered for reliability in harsh environments: * **ESD Protection:** Contact 4KV / Air 8KV protection on I/O ports. * **Operating Temp:** Standard (0 ~ 60°C) or Extended (-20 ~ 70°C) options. * **Vibration Resistance:** Designed to withstand 2Grms (5~500Hz) during operation. ```json { "part_number": "EPC-R6410", "architecture": "ARM v8", "form_factor": "Box Computer", "os_support": ["Android", "Linux Debian", "Yocto"] } ```
    ✨ Follow-up Questions
    • ⤷What are the AI acceleration capabilities of the RK3399 SoC in this unit?
    • ⤷ How does the EPC-R6410 handle power fluctuations in industrial settings?
    • ⤷ Which Linux distributions are officially supported for development on this hardware?