AI

The **EB412R48** is a high-performance, industrial-grade lithium-ion battery module typically designed for energy storage systems (ESS), telecommunications backup, and off-grid power solutions. The nomenclature usually implies a **48V** nominal voltage and a specific capacity (often around **100Ah/4.8kWh**).
---
### Core Electronic Components
The system is composed of several critical electronic sub-systems that ensure safety, efficiency, and longevity.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Battery Cells** | Prismatic LiFePO4 (Lithium Iron Phosphate) | Energy storage medium; known for thermal stability and high cycle life. |
| **BMS (Master)** | Battery Management System Controller | The "brain" that monitors voltage, current, and temperature. |
| **MOSFETs/Contactors** | Power Switching Electronics | Acts as a safety switch to disconnect the battery during faults (overcharge/short circuit). |
| **Balancing Circuit** | Passive or Active Balancers | Ensures all individual cells stay at the same voltage level to maximize capacity. |
| **Communication Port** | RS485 / CAN Bus / RS232 | Allows the battery to "talk" to inverters and monitoring software. |
---
### Technical Specifications (Typical)
While specific manufacturers (like EnSync or others) may have slight variations, the standard electronic profile for a 48V 100Ah module like this is:
| Parameter | Value |
| :--- | :--- |
| **Nominal Voltage** | 48V - 51.2V |
| **Capacity** | 100Ah (approx. 4.8kWh to 5.1kWh) |
| **Charging Cut-off Voltage** | ~57.6V |
| **Discharging Cut-off Voltage** | ~40V - 44V |
| **Maximum Discharge Current** | 100A (1C Rating) |
---
### Key Features of the BMS Electronics
The onboard electronics provide several layers of protection:
1. **Over-Voltage Protection:** Prevents the cells from being overcharged, which could lead to thermal runaway.
2. **Under-Voltage Protection:** Stops the battery from discharging too deeply, which preserves the chemistry's lifespan.
3. **Temperature Sensors (NTC):** Multiple thermistors are placed between cells to monitor for overheating.
4. **Short Circuit Protection:** Instant electronic shutdown if a massive current spike is detected.
5. **State of Charge (SoC) Calculation:** Uses "Coulomb Counting" algorithms to provide an accurate percentage of remaining energy.
---
### Connectivity & Integration
The electronic interface usually includes:
- **DIP Switches:** Used to set the "Address" of the battery when multiple units are connected in parallel.
- **LED Indicators:** Visual status for SOC (State of Charge), ALM (Alarm), and RUN (Operation).
- **Dry Contact Ports:** Often used for remote triggering of external alarms or fire suppression systems.
- ⤷
What are the specific communication protocols used by the EB412R48 for inverter integration?
- ⤷ How many units can be connected in parallel using the onboard DIP switches?
- ⤷ What is the recommended charging profile for this specific battery module?