Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • E3Z-R612M

  • AI
    The **E3Z-R612M** is a high-performance photoelectric sensor manufactured by **Omron**. It belongs to the E3Z series, which is a global standard for compact photoelectric sensors used in automation. --- ### 1. Key Technical Specifications The E3Z-R612M is a **Retro-reflective** sensor, meaning it emits light that bounces off a reflector and returns to the receiver in the same housing. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective with MSR (Mirror Surface Rejection) | | **Sensing Distance** | 100 mm to 4 m (with E39-R1 reflector) | | **Output Type** | NPN Open Collector | | **Operation Mode** | Light-ON / Dark-ON (Switch selectable) | | **Connection Method** | Pre-wired cable (2 meters) | | **Supply Voltage** | 12 to 24 VDC ±10% | | **Response Time** | 1 ms max. | | **Light Source** | Red LED (660 nm) | --- ### 2. Electronic Internal Structure The internal circuitry is designed for high reliability in industrial environments. * **MSR (Mirror Surface Rejection) Function:** This is a critical electronic feature. The sensor uses polarized filters. It only receives light that has been depolarized by a reflector. This prevents the sensor from being "fooled" by shiny metal objects that act like mirrors. * **NPN Output Circuit:** ```text [Vcc (Brown)] ---- (+) [Load] ----------- (Black/Output) [GND (Blue)] ----- (-) ``` The output acts as a switch to the negative rail (0V). * **Protection Circuits:** It includes power supply reverse polarity protection, output short-circuit protection, and mutual interference prevention (allowing two sensors to be placed close together). --- ### 3. Wiring Configuration The sensor typically uses a 3-wire system: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +VCC | Power supply (12-24 VDC) | | **Blue** | 0V / GND | Ground | | **Black** | Control Output | NPN Output signal | --- ### 4. Indicators and Adjustments The sensor body contains physical interfaces for electronic calibration: * **Stability Indicator (Green):** Lights up when the received light intensity has sufficient margin. * **Operation Indicator (Orange):** Lights up when the output is ON. * **Sensitivity Adjuster:** A potentiometer to fine-tune the detection threshold for transparent or small objects.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP outputs in the E3Z series?
    • ⤷ How does the MSR function prevent false triggers from reflective objects?
    • ⤷ Can this sensor detect transparent glass bottles effectively?