Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • E103

  • AI
    The **E103** designation typically refers to an electronic component's value or a specific series of modules. In the world of electronics, this most commonly refers to a **10kΩ Resistor/Potentiometer** or an **ESP8266-based Wireless Module**. --- ## 1. Component Value Interpretation (103) In electronic marking codes (specifically for surface mount resistors and ceramic capacitors), "103" is a numerical code representing a specific value. ### How to decode "103": | Digit | Meaning | Value | | :--- | :--- | :--- | | **1st Digit** | First significant figure | 1 | | **2nd Digit** | Second significant figure | 0 | | **3rd Digit** | Multiplier (Number of zeros) | $10^3$ (1,000) | | **Result** | Total Value | **10,000** | * **Resistors:** 10,000 Ohms ($10k\Omega$). * **Capacitors:** 10,000 picofarads ($10nF$ or $0.01\mu F$). --- ## 2. E103 Series Wireless Modules (Ebyte) One of the most common hardware parts labeled "E103" is the **E103-W01** produced by Ebyte. These are small, low-power WiFi modules based on the **ESP8266** or **ESP8285** chips. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | ESP8266 / ESP8285 | | **Protocol** | TCP/UDP/HTTP/MQTT | | **Frequency** | 2.4GHz ~ 2.4835GHz | | **Interface** | UART (Serial) | | **Voltage** | 2.1V - 3.6V DC | ### Key Applications 1. **Industrial IoT:** Connecting sensors to a local network. 2. **Smart Home:** WiFi-enabled light switches and plugs. 3. **Data Transparent Transmission:** Converting Serial (TTL) data to WiFi packets without complex coding. --- ## 3. Potentiometers (Trimpots) If you are looking at a blue or white square component with a screw on top (often labeled **3296 E103**): * **Part Type:** Multi-turn Precision Trimmer Potentiometer. * **Value:** $10k\Omega$. * **Function:** Used for fine-tuning voltage levels or bias currents on a PCB. ### Basic Connection Pinout ```text Pin 1: Fixed Terminal Pin 2: Wiper (Adjustable Output) Pin 3: Fixed Terminal ``` ---
    ✨ Follow-up Questions
    • How do I program an E103-W01 module using AT commands?
    • What is the difference between a 103 and a 104 capacitor?
    • Can I use an E103 module with an Arduino?