Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • DSR-CSS-R2

  • AI
    The **DSR-CSS-R2** is a specialized electronic control unit, typically associated with automated switching systems or communication control modules (often used in industrial or radio frequency applications). Below is a breakdown of its primary electronic components and functions. ### Core Electronic Components | Component Type | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Processing Logic | The "brain" of the unit that manages switching timing and protocol handling. | | **Relay Array / Solid State Switches** | Power Switching | Physical or electronic switches used to route signals or power between inputs and outputs. | | **Isolation Transformers** | Signal Integrity | Prevents ground loops and protects sensitive logic circuits from high-voltage spikes. | | **Voltage Regulator** | Power Management | Converts input power (often 12V or 24V DC) to stable 3.3V or 5V for internal ICs. | | **Status LEDs** | Diagnostics | Visual indicators for Power, Link Status, and Activity. | --- ### Technical Specifications & Features 1. **Interface Connectivity**: * **Control Ports**: Usually utilizes RS-232, RS-485, or Ethernet for remote command execution. * **I/O Terminals**: Screw-type terminals for secure wire connections in high-vibration environments. 2. **Circuit Protection**: * **TVS Diodes**: Integrated Transient Voltage Suppression to protect against ESD (Electrostatic Discharge). * **Optoisolators**: Used on input lines to electrically isolate the control logic from external field sensors or triggers. 3. **Signal Routing**: * The "R2" designation often implies a **Dual Relay** or **Revision 2** configuration, optimized for lower latency and higher cycle counts compared to the original R1 version. ### Functional Operation The DSR-CSS-R2 operates by receiving a low-current trigger signal. The internal logic processes this signal and activates a high-current output via the onboard relays. This allows a low-power controller (like a PLC or PC) to manage high-power hardware without risk of damage to the controller's circuitry. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage input requirements for the DSR-CSS-R2?
    • ⤷ How does the R2 version differ from the original R1 in terms of circuitry?
    • ⤷ Can this module be integrated with a standard PLC system?