Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • DSR-CSS

  • AI
    Digital Seismic Recording (DSR) systems equipped with Continuous Storage Systems (CSS) are used in geophysics to monitor seismic activity over long periods. These systems rely on high-precision electronic components to convert ground vibrations into digital data. --- ## Core Electronic Components of a DSR-CSS The electronic architecture is generally divided into four functional stages: **Sensing**, **Signal Conditioning**, **Digitization**, and **Storage/Communication**. ### 1. Sensing & Transduction * **Seismometer/Geophone:** The analog front-end. It uses a magnet and coil assembly to generate a small voltage proportional to ground velocity. * **MEMS Accelerometers:** In modern digital units, Micro-Electro-Mechanical Systems (MEMS) are used to measure acceleration directly using capacitive sensing. ### 2. Signal Conditioning Circuitry Before the signal can be digitized, it must be "cleaned" to prevent errors. * **Preamplifier:** A low-noise amplifier (LNA) boosts the millivolt signals from the sensor. * **Anti-Aliasing Filter:** A low-pass filter that removes frequencies higher than half the sampling rate to prevent signal distortion during digitization. ### 3. Digitization (The ADC Stage) This is the "heart" of the DSR. * **Analog-to-Digital Converter (ADC):** Typically uses **24-bit Delta-Sigma ($\Delta\Sigma$)** converters. The high bit-depth is necessary to achieve the high dynamic range (up to 120dB-140dB) required to capture both micro-tremors and large earthquakes. * **DSP (Digital Signal Processor):** Handles real-time filtering, decimation, and data compression. ### 4. The CSS (Continuous Storage System) Unlike "triggered" systems that only record when shaking is detected, a CSS records 24/7. * **Microcontroller / CPU:** Manages data flow and system health. * **Storage Media:** High-endurance Industrial SD cards, SSDs, or internal Flash memory. * **RTC (Real-Time Clock):** Crucial for "timestamping." It is often synced with a **GPS/GNSS module** to ensure millisecond accuracy across multiple distributed stations. --- ## Technical Specifications Comparison | Component | Standard DSR | High-End DSR-CSS | | :--- | :--- | :--- | | **ADC Resolution** | 16-bit to 24-bit | 24-bit or 32-bit | | **Dynamic Range** | 90 - 110 dB | 130+ dB | | **Time Sync** | Internal Quartz | GPS/PTP (Precision Time Protocol) | | **Storage Logic** | Trigger-based (Event) | Continuous (Buffer-based) | | **Power Consumption**| Moderate | Ultra-Low (for remote deployment) | --- ## Power Management System Since DSR-CSS units are often deployed in remote areas, their power electronics are specialized: * **Charge Controllers:** Manage solar panel input to lead-acid or LiFePO4 batteries. * **LDO Regulators:** Low-Dropout regulators ensure the ADC receives a "clean" voltage supply with minimal electronic noise, which is vital for maintaining a high Signal-to-Noise Ratio (SNR).
    ✨ Follow-up Questions
    • ⤷ What is the difference between 24-bit and 32-bit ADCs in seismic recording?
    • ⤷ How does GPS synchronization prevent data drift in DSR systems?
    • ⤷ What are the power requirements for a typical long-term CSS deployment?