Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • DSC1206AS-RFT5

  • AI
    The **DSC1206AS-RFT5** is a high-performance, precision surface-mount electronic component, specifically a **thick film chip resistor**. This part is designed for applications requiring high stability and reliability in a compact 1206 form factor. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Resistance Value** | Typically 0.51 Ohms (Value varies by exact series suffix) | | **Tolerance** | ±1% or ±5% (Series dependent) | | **Power Rating** | 0.33 Watts (1/3 W) | | **Case Code (Inch)** | 1206 | | **Case Code (Metric)** | 3216 | | **Temperature Coefficient** | ±100 ppm/°C to ±200 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Technology** | Thick Film | --- ### 2. Key Features * **Anti-Sulfur Construction:** The "AS" in the part number often denotes an anti-sulfur construction, making it ideal for harsh industrial environments or automotive applications where sulfur contamination can lead to resistor failure. * **High Power Density:** Provides a higher power rating (0.33W) compared to standard 1206 resistors which usually hover around 0.25W. * **Reliability:** Built to withstand thermal cycling and high-humidity conditions. * **Surface Mount Design:** Small footprint allows for high-density PCB layouts and automated assembly using pick-and-place machines. --- ### 3. Application Areas The DSC1206 series is versatile and commonly used in the following sectors: 1. **Automotive Electronics:** Power management units, engine control modules, and lighting. 2. **Industrial Controls:** Sensors, motor drives, and power supplies. 3. **Consumer Electronics:** High-end audio equipment and telecommunication hardware. 4. **Medical Equipment:** Monitoring devices requiring stable resistance over time. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer (e.g., Welwyn/TT Electronics), the code usually follows this logic: ```text DSC | 1206 | AS | - | RFT5 | | | | Type Size Anti- Value/Packaging Code Code Sulfur ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the anti-sulfur coating in industrial environments?
    • ⤷ How does the 0.33W power rating compare to a standard 1206 resistor?
    • ⤷ What are the recommended soldering profiles for this 1206 component?