Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • DFP3012EF-R33M

  • AI
    The **DFP3012EF-R33M** is a high-performance power inductor typically used in DC-DC converter circuits. This component is part of a surface-mount device (SMD) series designed for compact electronics requiring high efficiency. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Dimensions (LxWxH)** | 3.0 x 3.0 x 1.2 mm | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | | **Construction** | Metal Alloy Powder (Low RDC) | --- ### 2. Key Features * **Metal Alloy Core:** Unlike traditional ferrite inductors, the metal powder core offers a "soft saturation" characteristic. This means the inductance drops gradually as current increases, rather than dropping sharply. * **Low Profile:** With a height of only 1.2mm, it is ideal for thin consumer electronics like smartphones, tablets, and wearable devices. * **Magnetic Shielding:** The construction minimizes electromagnetic interference (EMI), which is critical for densely packed circuit boards. * **High Current Handling:** Despite its small size, it can handle significant saturation currents due to its low DC resistance (RDC). --- ### 3. Application Use Cases This component is primarily used in power management stages: 1. **Buck Converters:** Reducing voltage from a battery (e.g., 3.7V) to a CPU/SoC core voltage (e.g., 1.1V). 2. **Portable Electronics:** Used in devices where board space is at a premium. 3. **Communication Modules:** Powering RF stages where EMI suppression is vital. --- ### 4. Typical Internal Circuit Representation In a schematic, this part acts as a filter or energy storage element: ```spice * Simple Buck Converter Output Filter L1 Output_Node V_Out 0.33uH ; The DFP3012EF-R33M C1 V_Out GND 10uF ; Smoothing Capacitor ```
    ✨ Follow-up Questions
    • ⤷What is the difference between 'soft saturation' and 'hard saturation' in power inductors?
    • ⤷ How does the 'R33' in the part number relate to the inductance value?
    • ⤷ What are the common alternatives to the DFP3012EF-R33M for automotive applications?