Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • DFP201610TF-R33M

  • AI
    ## Electronic Analysis of DFP201610TF-R33M The **DFP201610TF-R33M** is a high-performance **Surface Mount (SMD) Power Inductor**, typically utilized in power management circuits like DC-DC converters. It is categorized as a molded power inductor, known for its compact size and high current capabilities. --- ### 1. Technical Specifications The following table outlines the key electrical and physical parameters of the component: | Parameter | Value / Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | Measured at 1MHz, 1.0V | | **Tolerance** | ±20% (M) | Variance in nominal inductance | | **DC Resistance (DCR)** | ~18 mΩ (Max) | Resistance of the internal coil | | **Saturation Current (Isat)** | ~5.8 A | Current at which inductance drops 30% | | **Heat Rating Current (Irms)**| ~4.5 A | Current causing a 40°C temperature rise | | **Case Size** | 2016 (Metric) / 0806 (Imperial) | 2.0mm x 1.6mm footprint | | **Height** | 1.0 mm (Max) | Ultra-low profile | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: - **DFP**: Series designation (typically Metal Alloy/Molded type). - **2016**: Physical dimensions ($2.0mm \times 1.6mm$). - **10**: Max height ($1.0mm$). - **TF**: Packaging/Termination type (Tape & Reel). - **R33**: Inductance value ($R33 = 0.33\mu H$). - **M**: Tolerance ($\pm 20\%$). --- ### 3. Core Materials and Construction The **DFP201610TF-R33M** utilizes a **Metal Alloy Core** technology. This provides several technical advantages over traditional ferrite inductors: * **Soft Saturation:** Unlike ferrite inductors that have a sharp drop in inductance when overloaded, metal alloy cores saturate "softly," allowing for better stability during current spikes. * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) which is critical in densely packed smartphone or wearable PCBs. * **Low DCR:** The use of flat or thick copper wire inside the mold minimizes energy loss through heat. --- ### 4. Common Applications Due to its high current handling and small footprint, this part is found in: 1. **Smartphones/Tablets:** Power rails for CPUs and GPUs. 2. **Wearables:** Battery management systems where space is at a premium. 3. **SSD Drives:** Localized DC-DC conversion for high-speed controllers. 4. **IoT Modules:** Compact power supply units requiring high efficiency.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms in the context of this inductor?
    • ⤷ Are there specific soldering temperature profiles recommended for metal alloy inductors?
    • ⤷ Can this inductor be replaced by a ferrite core equivalent with the same inductance?