Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • DDA-CJS-R1

  • AI
    The **DDA-CJS-R1** is a specialized electronic control module primarily used in **commercial and industrial refrigeration systems**, specifically associated with Danfoss or similar electronic controllers for refrigerated display cases. It functions as a communication and relay interface for managing compressor cycles, defrosting, and lighting. --- ### 1. Core Specifications and Components Below are the typical electronic specifications for modules within this series: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Auto-switching) | | **Relay Outputs** | SPST or SPDT (typically rated 8A to 16A) | | **Communication Protocol** | Modbus RTU / RS485 | | **Interface** | Digital display (LED) and push-button navigation | | **Sensor Compatibility** | NTC 10k or PTC thermistors | --- ### 2. Key Electronic Parts Breakdown The DDA-CJS-R1 consists of several critical subsystems: #### A. Power Supply Unit (PSU) * **Function:** Converts AC mains power to low-voltage DC (5V or 12V) for the microcontroller and relays. * **Protection:** Usually contains a Varistor (MOV) for surge protection and a fuse to prevent overcurrent damage. #### B. Microcontroller (MCU) * **Function:** The "brain" of the unit. It processes sensor data (temperature) and executes the logic for cooling cycles. * **Memory:** Contains EEPROM to store user settings so parameters are not lost during power outages. #### C. Relay Bank * **Compressor Relay:** High-inrush capacity to handle motor startups. * **Defrost Relay:** Controls the heating elements used to melt ice buildup. * **Fan/Light Relays:** Lower amperage relays for auxiliary functions. #### D. Communication Interface (RS485) * **Function:** Allows the module to be networked to a central monitoring system (SCADA or a Master Controller). * **Components:** Transceiver ICs (like the MAX485) that handle differential signaling over long distances. --- ### 3. Connection Pinout Logic Most configurations for the R1 series follow this general wiring logic: ```markdown 1. Pins 1-2: Power Input (L / N) 2. Pins 3-5: Common and Normally Open (NO) for Compressor 3. Pins 6-7: Defrost Heater Output 4. Pins 8-10: Sensor Inputs (Room Probe / Evaporator Probe) 5. Pins 11-12: RS485 Communication (A / B) ``` --- ### 4. Application Context The "CJS" designation often refers to **Case Junction Systems**. In these setups, the DDA-CJS-R1 acts as the localized controller for a single refrigerated cabinet within a larger supermarket loop, ensuring that if one controller fails, the rest of the system remains operational.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the NTC sensors on a DDA-CJS-R1?
    • ⤷ What are the common error codes for this specific controller?
    • ⤷ How do I wire the RS485 communication for a multi-case setup?