Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • DBM1915NP-R50

  • AI
    The **DBM1915NP-R50** is a specialized electronic component, specifically a high-precision, high-current **Surface Mount (SMD) Power Inductor**. These components are critical in modern power management systems for stabilizing voltage and filtering noise. --- ### 1. Key Technical Specifications Based on the industry standards for the DBM series (typically manufactured by companies like Cyntec or Delta), here are the primary electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.50 µH (R50) | The ability to store energy in a magnetic field. | | **Tolerance** | ±10% or ±20% | The allowable deviation from the nominal inductance. | | **DC Resistance (DCR)** | ~0.5 mΩ - 1.0 mΩ | Low resistance to minimize power loss as heat. | | **Saturation Current ($I_{sat}$)** | 40A - 60A | The current level where inductance drops by a specific %. | | **Operating Temperature** | -40°C to +125°C | Suitability for industrial or automotive environments. | --- ### 2. Functional Electronic Parts & Design The DBM1915NP-R50 is composed of several internal elements that define its performance: * **Magnetic Core:** Usually made of a **Metal Alloy Powder**. This material allows for a "soft saturation" characteristic, meaning the inductor doesn't lose its effectiveness abruptly when current spikes. * **Winding (Coil):** Uses heavy-gauge flat copper wire. Flat wire increases the surface area, reducing the "Skin Effect" at high frequencies and lowering the DCR. * **Shielding:** The component is magnetically shielded. This prevents electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB. * **Terminations:** Lead-free (RoHS compliant) solder pads designed for robust mechanical attachment to the circuit board. --- ### 3. Typical Applications This specific part is designed for high-density power applications where space is limited but power requirements are high: 1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery on motherboards. 2. **DC-DC Converters:** Found in servers and telecommunications equipment to step down voltages (e.g., 12V to 1.8V). 3. **POL (Point of Load) Converters:** Providing stable power directly next to high-speed FPGAs or ASICs. --- ### 4. Circuit Representation In an electronic schematic, this part is represented as an inductor ($L$). ```spice * Example of DBM1915NP in a Buck Converter stage L1 Node_A Node_B 0.50uH ; Inductor value R_DCR Node_B Output 0.8m ; Parasitic DC Resistance ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R50' suffix in the part number?
    • ⤷ How does the metal alloy core differ from a traditional ferrite core?
    • ⤷ What are the thermal management requirements for an inductor carrying 50A?