Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • DAC08CSZ-R

  • AI
    The **DAC08CSZ-R** is a high-speed, 8-bit monolithic Multiplying Digital-to-Analog Converter (DAC). It is a classic component known for its reliability, high-speed switching, and versatility in industrial and communication applications. --- ### ## 1. Key Specifications Below are the primary electrical characteristics of the DAC08CSZ-R: | Parameter | Value / Specification | | :--- | :--- | | **Resolution** | 8-Bit | | **Settling Time** | 85 ns (Typical) | | **Interface** | Parallel (8 bits) | | **Output Type** | Differential Current Output | | **Supply Voltage** | ±4.5V to ±18V | | **Non-linearity** | ±0.19% maximum | | **Package** | SOIC-16 (Small Outline Integrated Circuit) | | **Temperature Range** | -40°C to +85°C | --- ### ## 2. Core Functional Parts The architecture of the DAC08 consists of several critical internal sections: 1. **Reference Amplifier:** It accepts an external reference current ($I_{REF}$) and scales the internal currents relative to this value. This allows the DAC to be used as a "multiplying" DAC, where the output is the product of the digital input and the reference signal. 2. **R-2R Ladder Network:** A precision resistor network that divides the reference current into binary-weighted currents. 3. **High-Speed Current Stepping Switches:** These switches direct the weighted currents to either the $I_{OUT}$ or $\overline{I_{OUT}}$ terminals based on the digital input code. 4. **Complementary Outputs:** It provides two current outputs ($I_{OUT}$ and $\overline{I_{OUT}}$). The sum of these two currents is always equal to the full-scale current, which is useful for differential signaling and reducing noise. --- ### ## 3. Pin Configuration (SOIC-16) The following table describes the standard pinout for the 16-pin SOIC package: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | VLC | Threshold Control for Logic Inputs | | 2 | IOUT | DAC Current Output | | 3 | V- | Negative Power Supply | | 4 | DB7 (MSB) | Digital Input Bit 7 (Most Significant Bit) | | 5 - 11 | DB6 - DB0 | Digital Input Bits 6 through 0 | | 12 | DB0 (LSB) | Digital Input Bit 0 (Least Significant Bit) | | 13 | V+ | Positive Power Supply | | 14 | VREF+ | Positive Reference Input | | 15 | VREF- | Negative Reference Input | | 16 | COMP | Compensation Pin (for stability) | --- ### ## 4. Applications Because of its high speed and current-output nature, the DAC08CSZ-R is frequently used in: * **CRT Displays:** Fast deflection and intensity control. * **Modems:** Generating waveforms for data transmission. * **Audio Power Control:** Digitally controlled volume/gain. * **A/D Converters:** Used as a building block for Successive Approximation Register (SAR) ADCs. --- ### ## 5. Typical Connection Example To convert the current output to a voltage, an external Operational Amplifier (Op-Amp) is typically used in an I-to-V configuration: ```c // Pseudo-logic for DAC Control 1. Set VREF to 2.0mA (Standard reference) 2. Apply 8-bit Parallel Data to pins DB0-DB7 3. The DAC sinks current at IOUT: IOUT = (Reference_Current) * (Digital_Value / 256) 4. Op-Amp converts IOUT to VOUT: VOUT = IOUT * Rfb (Feedback Resistor) ```
    ✨ Follow-up Questions
    • ⤷ How does the 'multiplying' feature of this DAC work in signal modulation?
    • ⤷ What is the purpose of the VLC pin in the DAC08 series?
    • ⤷ Can this DAC be used with a single-supply voltage instead of dual-supply?