Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CVR1-DK-R

  • AI
    The **CVR1-DK-R** is an electronic module primarily used in industrial automation, specifically within the **Festo** product ecosystem. It serves as a specialized connector/converter for motor feedback systems. ### 1. General Overview The CVR1-DK-R is an **Encoder Signal Converter** (often referred to as a "D-Sub to RJ45 Adapter" or "Digital Link Interface"). Its primary function is to bridge the electrical signals between a motor’s encoder and a motor controller (servo drive). --- ### 2. Key Electronic Components and Features The module consists of the following electronic characteristics: | Component/Feature | Description | | :--- | :--- | | **Input Interface** | 9-pin D-Sub (Male) connector, typically for motor-side feedback. | | **Output Interface** | RJ45 socket, designed for "Digital Link" or high-speed data transmission to the drive. | | **Signal Compatibility** | Designed to handle **HIPERFACE** or **EnDat** digital encoder signals. | | **Shielding** | Integrated metal housing for EMI (Electromagnetic Interference) protection. | | **Passive/Active** | Typically a passive signal routing PCB, though it may include termination resistors for impedance matching. | --- ### 3. Electronic Specifications | Parameter | Value/Range | | :--- | :--- | | **Rated Voltage** | 5V to 30V DC (Pass-through from drive) | | **Max Signal Frequency** | Up to 2 MHz | | **Operating Temperature** | -20°C to +75°C | | **Protection Class** | IP20 (Indoor/Enclosure use) | --- ### 4. Application Logic In a standard motion control setup, the electronic path follows this logic: 1. **The Encoder:** Generates digital position data (Sine/Cosine or Square wave). 2. **The CVR1-DK-R:** Acts as the physical layer interface, remapping the D-Sub pins to the standardized RJ45 pinout used by modern servo drives (like the Festo CMMT-ST or CMMT-AS series). 3. **The Drive:** Processes the signals to determine rotor position and speed. --- ### 5. Pinout Mapping (Typical) While internal wiring can vary, the electronic traces generally map as follows: ```text D-Sub 9 Pin ---> RJ45 Pin 1 (Data +) ---> 1 2 (Data -) ---> 2 3 (Up / Supply) ---> 4 4 (0V / Ground) ---> 5 5 (Clock +) ---> 7 6 (Clock -) ---> 8 ```
    ✨ Follow-up Questions
    • ⤷ Which specific Festo servo drives are compatible with the CVR1-DK-R?
    • ⤷ Is the CVR1-DK-R a passive adapter or does it contain active signal conditioning circuitry?
    • ⤷ What is the maximum cable length supported when using this converter?