Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CVR1-4G-R

  • AI
    The **CVR1-4G-R** is a high-performance, industrial-grade 4G LTE cellular router designed for M2M (Machine-to-Machine) and IoT (Internet of Things) applications. It is engineered to provide reliable wireless data connectivity in harsh environments. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connectivity** | 4G LTE (FDD/TDD), 3G WCDMA fallback | | **Processor** | Industrial 32-bit CPU (often MIPS or ARM-based) | | **Memory** | 64MB - 128MB DDR2 RAM / 8MB - 16MB Flash | | **Ethernet Ports** | 1x 10/100 Mbps LAN port (RJ45) | | **Antenna Interface** | SMA-K (Female) for LTE and/or WiFi | | **Power Supply** | DC 5V - 36V (Wide voltage range) | | **Operating Temp** | -20°C to +70°C | --- ### 2. Core Electronic Components & Architecture The device is built on a modular architecture to ensure stability and scalability. Below are the primary electronic sections: #### A. Cellular Module This is the "heart" of the device. It typically uses a Quectel, Sierra Wireless, or SimCom module integrated onto the PCB. It handles: * **Baseband Processing:** Converting digital data into radio signals. * **Protocol Stack:** Managing LTE, UMTS, and GSM communications. #### B. Power Management Circuitry Because industrial environments have unstable power sources, the CVR1-4G-R includes: * **Wide Voltage Regulator:** Allows the device to run on anything from 5V to 36V. * **Protection Layers:** Features TVS (Transient Voltage Suppressor) diodes and over-current protection to prevent damage from power surges. #### C. Communication Interfaces * **Ethernet Controller:** A physical layer (PHY) chip that manages the RJ45 port for wired local network access. * **SIM Slot:** A standard push-push or tray-type SIM holder connected to the cellular module via high-speed traces. * **I/O Terminals:** Many variants include RS232 or RS485 ports for connecting to PLCs (Programmable Logic Controllers) or sensors. #### D. Reliability Features (Hardware Watchdog) The board includes a hardware **Watchdog Timer (WDT)**. If the software crashes or the connection hangs, the WDT automatically triggers a hard reset of the system to ensure 24/7 uptime without manual intervention. --- ### 3. Application Use Cases 1. **Smart Grids:** Monitoring remote power substations. 2. **ATM/Vending:** Providing secure VPN tunnels for financial transactions. 3. **Industrial Automation:** Remote PLC programming and data acquisition. 4. **Digital Signage:** Updating remote billboards via 4G.
    ✨ Follow-up Questions
    • ⤷What are the specific frequency bands supported by the CVR1-4G-R?
    • ⤷ Does this model support VPN protocols like IPsec or OpenVPN?
    • ⤷ Can the CVR1-4G-R be mounted on a DIN rail for industrial cabinets?