CTX50-7-52LP-R
AI

### CTX50-7-52LP-R: Detailed Component Analysis
The **CTX50-7-52LP-R** is a high-performance, dual-winding toroidal power inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the **OCTA-PAC® PLUS** series, known for high power density and versatility.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance (Parallel)** | 49.3 µH |
| **Inductance (Series)** | 197.2 µH |
| **Current Rating (Parallel)** | 1.83 A |
| **DCR (Direct Current Resistance)** | 0.126 Ω (Parallel) |
| **Core Material** | Iron Powder (Material -52) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | Approx. 14.22mm x 14.22mm x 5.8mm |
---
### 2. Physical and Magnetic Construction
* **Dual Winding Design:** The device contains two identical windings. This allows the component to be configured in three ways:
1. **Series:** For higher inductance.
2. **Parallel:** For higher current capacity.
3. **1:1 Transformer:** For use in SEPIC converters or isolated applications.
* **Core Material (-52):** The "52" in the part number refers to the iron powder mix. This material is optimized for high-frequency applications (up to 500 kHz) and offers low core losses and stable performance over temperature changes.
* **Low Profile (LP):** The "LP" suffix indicates a low-profile design, making it suitable for compact electronic assemblies where vertical space is limited.
---
### 3. Application Use Cases
The CTX50-7-52LP-R is commonly integrated into the following circuits:
1. **DC-DC Converters:** Acts as an energy storage inductor in Buck, Boost, and Forward converters.
2. **SEPIC Converters:** Utilizing the dual windings to provide a non-inverted output voltage that can be higher or lower than the input.
3. **EMI Filtering:** Used as a common-mode choke to filter out high-frequency noise in power lines.
4. **Battery Powered Systems:** Ideal for portable electronics due to its efficiency and small footprint.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **CTX** | Product Series (OCTA-PAC) |
| **50** | Inductance Code |
| **7** | Size/Power Rating Identifier |
| **52** | Core Material Type (Iron Powder) |
| **LP** | Low Profile Housing |
| **R** | RoHS Compliant |
- ⤷
How do I calculate the saturation current when using this inductor in a series configuration?
- ⤷ What are the advantages of using iron powder cores versus ferrite cores in this specific part?
- ⤷ Can this part be used as a 1:1 isolation transformer for low-power signals?