CTX210607-R
AI

The **CTX210607-R** is a specific surface-mount high-frequency transformer, typically part of the **Octa-Pac®** or **ECONO-PAC™** series manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). These components are versatile power inductors/transformers consisting of two identical windings.
---
## 1. Technical Specifications
Below are the typical characteristics for this class of component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | ~6.4 µH (Typical, per winding) |
| **Current Rating (Irms)** | ~2.5 A to 3.5 A (Depending on configuration) |
| **DC Resistance (DCR)** | ~0.045 Ω - 0.055 Ω |
| **Mounting Type** | Surface Mount (SMD) |
| **Core Material** | Powder Iron / Ferrite |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Key Features and Design
The CTX210607-R is designed with a **dual-winding architecture**, which provides engineers with several integration options:
* **1:1 Transformer:** Can be used for signal isolation or voltage transformation.
* **Coupled Inductor:** Used in SEPIC (Single-Ended Primary-Inductor Converter) or Flyback topologies to provide energy storage and transfer.
* **Series/Parallel Inductor:**
* *Series:* Connect windings in series to quadruple the inductance and handle the base current.
* *Parallel:* Connect windings in parallel to maintain base inductance but double the current capacity.
---
## 3. Common Applications
Due to its compact size and high-frequency capabilities, it is found in the following circuits:
1. **DC-DC Converters:** Ideal for Buck, Boost, and SEPIC regulators.
2. **Power Over Ethernet (PoE):** Used in power extraction circuits for networking hardware.
3. **EMI Filtering:** Can function as a common-mode choke to filter out high-frequency noise.
4. **Voltage Isolation:** Providing basic galvanic isolation between two circuit stages.
---
## 4. Part Number Breakdown
The "R" suffix in the part number (CTX210607-**R**) is a critical indicator:
* **RoHS Compliant:** The "R" signifies that the component meets the Restriction of Hazardous Substances directive (Lead-free).
- ⤷
How do you calculate the total inductance when connecting the windings in series?
- ⤷ What are the advantages of using a coupled inductor in a SEPIC converter?
- ⤷ Can the CTX210607-R be used as a common-mode choke?