Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CTS3F-R47K

  • AI
    ## Analysis of the CTS3F-R47K Electronic Component The **CTS3F-R47K** is a specific type of **fixed inductor** (choke) commonly used in electronic circuits for power management, signal filtering, and noise suppression. ### 1. Part Number Breakdown To understand the component, we can decode the alphanumeric string: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTS3F** | Series/Body Style | Shielded or Unshielded Axial/Conformal Coated Inductor series. | | **R47** | Inductance Value | **0.47 µH** (R acts as a decimal point). | | **K** | Tolerance | **±10%** (Industry standard code). | --- ### 2. Technical Specifications While exact specs can vary slightly by manufacturer (such as Central Technologies), the standard parameters for this type of inductor include: * **Inductance:** 0.47 Microhenries (µH) * **Tolerance:** ±10% * **Mounting Type:** Through-Hole (Axial Lead) * **Coating:** Typically Epoxy or Conformal coated for environmental protection. * **Operating Temperature:** Generally ranges from -55°C to +125°C. --- ### 3. Key Functions & Applications The CTS3F-R47K serves several critical roles in a circuit: #### A. Signal Filtering It acts as a low-pass filter, allowing DC and low-frequency signals to pass while blocking high-frequency noise (EMI/RFI). #### B. Energy Storage In switching power supplies, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. #### C. Common Use Cases: 1. **Power Supplies:** Filtering ripples in DC-DC converters. 2. **Telecommunications:** Signal decoupling and tuning. 3. **Consumer Electronics:** Suppressing electromagnetic interference in TVs, computers, and audio equipment. --- ### 4. Physical Characteristics * **Form Factor:** Resistor-like shape with wire leads on both ends. * **Color Coding:** Often uses color bands to denote inductance value, similar to resistors, though the "R47K" print is common on larger industrial versions.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the CTS3F-R47K?
    • ⤷ How do I calculate the self-resonant frequency for this inductor?
    • ⤷ What is the maximum current rating (Imax) for this specific series?