CTS2F-R47K
AI

The **CTS2F-R47K** is a specific electronic component belonging to the **fixed inductor** family, commonly used in radio frequency (RF) and signal filtering applications.
### 1. Component Identification
The part number can be broken down to understand its technical specifications:
| Part Segment | Meaning | Details |
| :--- | :--- | :--- |
| **CTS2F** | Series/Type | Conformal Coated Choke (Axial Lead Inductor) |
| **R47** | Inductance Value | **0.47 µH** (Microhenries) |
| **K** | Tolerance | **±10%** |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (such as Central Technologies), the standard specifications for this series are as follows:
* **Inductance:** 0.47 µH
* **Tolerance:** ±10%
* **Case Style:** Axial Leaded (Through-hole)
* **Coating:** Epoxy resin (Conformal coated for environmental protection)
* **Quality Factor (Q Min):** Typically ranges between 40-60 at specific test frequencies.
* **Self-Resonant Frequency (SRF):** Usually very high (above 100 MHz), making it suitable for high-frequency circuits.
* **DC Resistance (DCR):** Low resistance to minimize power loss.
---
### 3. Construction and Use
The component consists of a wire coil wound around a ferrite or phenolic core, protected by an insulating epoxy coating.
#### Common Applications:
* **RF Coupling/Decoupling:** Used to block high-frequency noise while allowing DC to pass.
* **Filters:** Integrated into Low-Pass or Band-Pass filters.
* **Power Supplies:** Used in switching regulators for minor smoothing.
* **Telecommunications:** Signal processing in modems and transmitters.
---
### 4. Circuit Symbol and Package
In a schematic, it is represented by a standard inductor symbol:
```text
L1
----(UUUU)----
0.47µH
```
The physical package is **Axial**, meaning the leads come out of opposite ends, similar to a standard resistor. This makes it easy to mount on traditional PCBs (Printed Circuit Boards) or breadboards.
---
- ⤷
What are the maximum current ratings for the CTS2F series?
- ⤷ How does a conformal coated inductor differ from a molded inductor?
- ⤷ Can this part be used in high-temperature automotive environments?