Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CTML1206-R22K

  • AI
    The **CTML1206-R22K** is a specific type of passive electronic component, specifically a **Multi-Layer Chip Inductor**. Below is a detailed breakdown of its specifications, naming convention, and technical characteristics. --- ## 1. Technical Specifications This component is designed for surface-mount technology (SMT) and is commonly used in high-frequency circuits and power management modules. | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | Multi-Layer Ferrite Chip Inductor | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **Case Size (EIA)** | 1206 | | **Case Size (Metric)** | 3216 (3.2mm x 1.6mm) | | **Material** | Ferrite Core | | **Termination** | Sn (Tin) over Ni (Nickel) | --- ## 2. Part Number Deciphering To understand the part, we can break down the alphanumeric code: * **CTML**: Series Prefix (Ceramic/Multi-layer Inductor). * **1206**: The physical dimensions of the package ($1.2 \times 0.06$ inches). * **R22**: The Inductance value. The "R" acts as a decimal point. $R22 = 0.22 \text{ µH}$. * **K**: The tolerance code. $K = \pm10\%$. (Common alternatives are J for $\pm5\%$ or M for $\pm20\%$). --- ## 3. Key Electronic Characteristics ### Magnetic Shielding Because it is a multi-layer ferrite construction, the inductor is **self-shielded**. This means it has low magnetic leakage, reducing electromagnetic interference (EMI) with neighboring components on a dense PCB. ### Quality Factor (Q) These inductors are designed to provide a high "Q" factor at specific frequencies, ensuring low signal loss in resonant circuits. ### Application Use-Cases 1. **Filtering**: Used in DC-to-DC converters to smooth out ripples. 2. **RF Circuits**: Used for impedance matching and signal decoupling in high-frequency communication devices. 3. **Noise Suppression**: Acting as a low-pass filter to block high-frequency noise in consumer electronics (laptops, smartphones). --- ## 4. Physical Dimensions (1206 Package) The "1206" footprint is a standard size in the electronics industry: ```text Length (L): 3.2mm ± 0.2mm Width (W): 1.6mm ± 0.2mm Height (H): 1.1mm (Typical) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the CTML1206-R22K?
    • ⤷ How does the ferrite core material affect the self-resonant frequency (SRF)?
    • ⤷ What are the common alternatives to the 1206 package size for this inductance value?