Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CTML0805F-R22M

  • AI
    The **CTML0805F-R22M** is a surface-mount multilayer chip inductor designed for high-frequency and general-purpose electronic circuits. Below is a detailed technical breakdown of its specifications and components. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Component | Code | Meaning | | :--- | :--- | :--- | | **Series** | CTML | Multilayer Chip Inductor | | **Size** | 0805 | Imperial dimensions (approx. 2.0mm x 1.25mm) | | **Material** | F | Ferrite Core (standard material) | | **Inductance** | R22 | 0.22 microhenries (µH) | | **Tolerance** | M | ±20% | --- ### 2. Key Electrical Specifications These parameters define how the part performs within a circuit: * **Inductance:** 0.22 µH (Measured at a specific test frequency, usually 25 MHz). * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** The maximum current it can handle before the temperature rise exceeds safety limits (typically ranges between 150mA to 300mA for this size). * **Self-Resonant Frequency (SRF):** The frequency at which the part stops acting like an inductor and starts acting like a capacitor. * **Operating Temperature:** Typically rated from -55°C to +125°C. --- ### 3. Physical Construction Unlike wire-wound inductors, the CTML series uses a **multilayer process**: 1. **Ferrite Body:** The main structure is made of ferrite material, which provides high magnetic permeability. 2. **Internal Electrodes:** Silver (Ag) or similar conductive pastes are printed in layers to form the "coil" inside the ferrite body. 3. **Termination:** The ends are typically plated with Nickel (Ni) and Tin (Sn) to ensure excellent solderability and prevent "leaching" during the assembly process. --- ### 4. Applications The CTML0805F-R22M is commonly found in the following scenarios: * **EMI Suppression:** Filtering high-frequency noise in signal lines. * **Mobile Electronics:** Used in smartphones and tablets due to its small footprint. * **Impedance Matching:** Used in RF circuits to ensure maximum power transfer. * **Decoupling:** Preventing noise from reaching sensitive ICs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multilayer inductor and a wire-wound inductor?
    • ⤷ How does the '0805' package size compare to '0603' in terms of power handling?
    • ⤷ Can this inductor be used in high-speed data line filtering?