Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CTML0603-R68M

  • AI
    The **CTML0603-R68M** is a surface-mount multilayer chip inductor. It is a passive electronic component designed to store energy in a magnetic field and is commonly used for high-frequency filtering and decoupling in compact electronic devices. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **CTML** | Series | Multilayer Chip Inductor (Ferrite based) | | **0603** | Size Code | 0.6mm x 0.3mm (EIA 0201 equivalent in some contexts, but usually refers to Metric 0603) | | **R68** | Inductance | $0.68 \mu H$ (R denotes the decimal point) | | **M** | Tolerance | $\pm 20\%$ | --- ### 2. Technical Specifications The typical electrical profile for this part includes: * **Inductance:** $0.68 \mu H$ (measured at a specific test frequency, usually 25 MHz). * **DC Resistance (DCR):** Low resistance to minimize power loss, typically ranging from $0.30\Omega$ to $0.60\Omega$. * **Rated Current:** The maximum DC current it can handle before overheating or saturating (usually between 50mA and 150mA for this size). * **Self-Resonant Frequency (SRF):** The frequency at which the part stops acting as an inductor and starts acting as a capacitor. --- ### 3. Construction and Features The "ML" in the prefix stands for **Multilayer**. Unlike wire-wound inductors, these are manufactured using a ceramic/ferrite layering process: 1. **Monolithic Structure:** Provides high reliability and excellent magnetic shielding. 2. **No Crosstalk:** The closed magnetic circuit minimizes leakage flux, allowing for high-density mounting without interference. 3. **Magnetic Shielding:** Built-in shielding prevents the component from affecting nearby sensitive circuits. --- ### 4. Applications Due to its small footprint and electrical characteristics, it is frequently found in: * **Mobile Devices:** Smartphones, tablets, and wearables. * **Filtering:** Suppressing high-frequency noise in power lines. * **RF Circuits:** Impedance matching and resonance in communication modules. * **DC-DC Converters:** Low-power voltage regulation modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between multilayer and wire-wound inductors?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact the performance of the CTML0603-R68M?
    • ⤷ What is the physical footprint dimensions in millimeters for a 0603 (Metric) package?