Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CTMC1210-R010M

  • AI
    ### Analysis of the CTMC1210-R010M Component The **CTMC1210-R010M** is a high-frequency, wire-wound chip inductor commonly used in power management and RF filtering circuits. The part number follows a specific nomenclature used by manufacturers like **Central Technologies**. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.010 µH (10 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size (EIA)** | 1210 (3.2mm x 2.5mm) | | **Material** | Ceramic Core (Non-magnetic) | | **Current Rating (Max)** | ~450 mA to 500 mA (Typical) | | **DC Resistance (Max)** | ~0.13 Ω | | **Self-Resonant Frequency** | ~2500 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps in identifying replacements or similar parts: * **CTMC**: Series prefix (Molded Chip Inductor, Ceramic Core). * **1210**: The physical dimensions (Length 0.12" x Width 0.10"). * **R010**: The inductance value. "R" acts as the decimal point (R010 = 0.010 µH). * **M**: The tolerance code (M = ±20%, K = ±10%, J = ±5%). --- ### 3. Key Features & Applications #### Features: * **Ceramic Core:** Provides excellent high-frequency performance and high self-resonant frequencies (SRF). * **Molded Construction:** Offers superior mechanical strength and resistance to environmental factors (moisture, heat). * **High Q Factor:** Ensures low energy loss in resonant circuits. #### Typical Applications: 1. **RF Circuits:** Used for impedance matching in wireless communication devices. 2. **EMI/RFI Filtering:** Suppressing high-frequency noise in power lines. 3. **Mobile Electronics:** Decoupling in smartphones and tablets where space is limited. 4. **Oscillators:** Serving as a frequency-determining element in VCOs (Voltage Controlled Oscillators). --- ### 4. Footprint and Mounting The **1210 (3225 Metric)** package is a standard Surface Mount Device (SMD) footprint. It is large enough to be easily reworked by hand but small enough for high-density PCB layouts. ```c // Example Pad Dimensions (Typical for 1210) Length: 3.2mm (+/- 0.2) Width: 2.5mm (+/- 0.2) Height: 2.2mm (+/- 0.2) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ Can I replace a 20% tolerance inductor with a 5% tolerance one in a filtering circuit?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the performance of this part?