Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CTMC1008F-R010M

  • AI
    ## Technical Analysis: CTMC1008F-R010M The **CTMC1008F-R010M** is a high-frequency, wire-wound surface mount (SMD) inductor. It belongs to the **1008 series** (referring to its physical dimensions) and is commonly used in RF (Radio Frequency) and high-speed communication circuits. --- ### 1. Part Number Breakdown The nomenclature reveals the core specifications of the component: | Component Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **CTMC** | Series Prefix | Ceramic core, wire-wound chip inductor | | **1008** | Case Size | 0.10 x 0.08 inches (approx. 2.5 x 2.0 mm) | | **F** | Lead-Free | RoHS compliant | | **R010** | Inductance Value | **0.010 µH** (or 10 nH) | | **M** | Tolerance | **±20%** | --- ### 2. Key Electrical Specifications Based on standard industry data for this part number, here are the typical performance metrics: * **Inductance:** 10 nH (0.010 µH) * **Quality Factor (Q):** Typically high (Min 15-30 at specific frequencies), making it efficient for RF filtering. * **Self-Resonant Frequency (SRF):** High SRF (often > 2000 MHz), allowing it to operate in GHz ranges without becoming capacitive. * **DC Resistance (DCR):** Very low (usually < 0.20 Ω), which minimizes power loss and heat generation. * **Rated Current:** High current capacity (often between 500mA to 1000mA) relative to its size. --- ### 3. Construction and Materials * **Core Material:** Typically **Ceramic**. Ceramic cores provide excellent thermal stability and a very high SRF compared to ferrite cores. * **Termination:** Usually gold or tin-plated over nickel (Ni/Sn) to ensure high solderability and resistance to leaching. * **Wire-Wound Tech:** The wire is wound around the ceramic body, offering higher "Q" factors and better current handling than multilayer chip inductors. --- ### 4. Common Applications Due to its low inductance and high frequency response, this part is found in: 1. **Mobile Communication:** Cellular phones, GPS receivers, and Wi-Fi modules. 2. **RF Matching:** Impedance matching circuits for antennas. 3. **Broadband filtering:** Removing noise in high-speed data lines. 4. **VCOs:** Voltage Controlled Oscillators for frequency synthesis. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect the performance of this inductor?
    • ⤷ What are the recommended soldering profiles for 1008 size SMD components?