Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CTC0F-R39J

  • AI
    ### CTC0F-R39J Electronic Component Overview The **CTC0F-R39J** is a specific model of a **Fixed Inductor** (Choke). It belongs to the family of passive electronic components designed to store energy in a magnetic field and resist changes in electric current. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its technical specifications: | Code Segment | Description | Value/Detail | | :--- | :--- | :--- | | **CTC** | Series/Manufacturer Code | Common for Central Technologies (Ceramic/Ferrite core) | | **0F** | Size/Package Style | Specific physical dimensions (typically axial leaded) | | **R39** | Inductance Value | **0.39 µH** (Microhenries) | | **J** | Tolerance | **±5%** | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer, the standard specifications for a 0.39µH inductor in this series include: * **Inductance:** 0.39 µH * **Tolerance:** ±5% (Standard for "J" grade) * **Core Material:** Often Phenolic or Ferrite (depending on the specific sub-series) * **Mounting Type:** Through-hole (Axial leaded) * **Operating Temperature:** Typically -55°C to +125°C --- ### 3. Functional Role in Circuits The CTC0F-R39J is primarily used for its ability to filter signals and manage power. Its specific functions include: 1. **High-Frequency Filtering:** Due to its low inductance (0.39µH), it is highly effective in radio frequency (RF) circuits and high-speed data lines to block high-frequency noise. 2. **Impedance Matching:** Used in RF communication devices to ensure maximum power transfer between stages. 3. **Decoupling:** Prevents unwanted AC signals from interfering with DC power supplies. --- ### 4. Typical Applications * **RF Equipment:** Oscillators, transmitters, and signal modulators. * **Telecommunications:** Signal processing and noise suppression in networking hardware. * **Consumer Electronics:** Power supply regulation in devices requiring stable, low-noise current. * **Automotive:** Used in control modules for EMI (Electromagnetic Interference) suppression. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the CTC0F-R39J?
    • ⤷ Are there Surface Mount Device (SMD) equivalents to this axial inductor?
    • ⤷ How does the 'J' tolerance compare to 'K' or 'M' tolerances in inductors?