Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CT1206CSF-R33M

  • AI
    The **CT1206CSF-R33M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications, RF circuits, and telecommunications equipment. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Prefix | Ceramic core chip inductor series. | | **1206** | Case Size | Imperial size (approx. 3.2mm x 1.6mm). | | **CSF** | Core Type | Standard Wire-Wound Ceramic. | | **R33** | Inductance Value | **0.33 µH** (330 nH). | | **M** | Tolerance | **±20%** (Typical for this range). | --- ### 2. Key Technical Specifications The electrical performance of this inductor is defined by its ability to maintain stability at high frequencies. * **Inductance:** 0.33 µH (330 nH) * **Tolerance:** ±20% * **Case Size:** 1206 (Metric 3216) * **Core Material:** Ceramic (Alumina) - This provides excellent thermal stability and a high Self-Resonant Frequency (SRF). * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** Typically ranges between 400mA to 600mA depending on the specific manufacturer's thermal rating. --- ### 3. Construction and Features * **Wire-Wound Technology:** Unlike multilayer inductors, the wire-wound construction offers a much higher **Q-Factor** (Quality Factor) and lower DCR, making it more efficient for RF signals. * **Ceramic Core:** The non-magnetic core ensures the inductance remains stable across a wide range of temperatures and frequencies. * **Encapsulation:** Often features a clear epoxy resin coating for protection against environmental factors and to provide a flat surface for automated pick-and-place machines. --- ### 4. Common Applications Due to its high frequency and high Q characteristics, the CT1206CSF-R33M is found in: 1. **RF Filtering:** Bandpass and low-pass filters in wireless communication. 2. **Impedance Matching:** Used in antenna circuits to match the impedance of the transceiver to the antenna. 3. **Signal Conditioning:** Decoupling and EMI suppression in high-speed digital lines. 4. **Oscillators:** Serving as a frequency-determining component in LC tank circuits.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Q-Factor' in this specific wire-wound inductor?
    • ⤷ How does the ceramic core compare to a ferrite core for this component?
    • ⤷ What are the recommended soldering profiles for 1206 SMD inductors?