CT1008LSCF-R22K
AI

The **CT1008LSCF-R22K** is a surface-mount (SMD) wire-wound chip inductor commonly used in Radio Frequency (RF) and high-frequency communication circuits.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (typically Central Technologies). Below is the technical breakdown:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.22 µH (220 nH) | The core property of the component. |
| **Tolerance** | ±10% | Indicated by the 'K' at the end of the code. |
| **Package / Case** | 1008 (EIA) | Physical size: 2.5mm x 2.0mm (0.10" x 0.08"). |
| **Core Material** | Ceramic | High Q-factor and high self-resonant frequency. |
| **Max DC Resistance (DCR)** | ~0.35 Ω | Internal resistance of the copper wire. |
| **Max DC Current** | ~500 mA | Maximum current before overheating or saturation. |
| **Self-Resonant Freq (SRF)** | > 450 MHz | The frequency limit where it behaves as an inductor. |
---
## 2. Key Features
* **Wire-Wound Construction:** Unlike multilayer inductors, this uses a copper wire wound around a ceramic core, providing significantly higher **Q (Quality Factor)** and lower DCR.
* **Low Profile:** The "LS" in the series often denotes a low-profile or standard height optimization for compact PCB designs.
* **High Stability:** The ceramic core ensures that the inductance remains stable across a wide temperature range and varying frequencies.
---
## 3. Part Number Deciphering
To understand similar components, here is how the code is typically structured:
1. **CT**: Central Technologies (Manufacturer).
2. **1008**: The physical size (2.5mm x 2.0mm).
3. **LS**: Series identifier (Wire-wound, Low Profile).
4. **CF**: Lead-Free / RoHS Compliant.
5. **R22**: Inductance value (R acts as a decimal point; R22 = 0.22 µH).
6. **K**: Tolerance code (K = ±10%, J = ±5%, M = ±20%).
---
## 4. Common Applications
Due to its high frequency and high Q characteristics, this inductor is primarily used in:
* **RF Transceivers:** Matching networks for antennas.
* **Mobile Communication:** Filtering in GSM, Wi-Fi, and Bluetooth modules.
* **Broadband Equipment:** High-speed data processing units.
* **EMI Suppression:** Filtering high-frequency noise from signal lines.
---
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the Q-factor affect the performance of this inductor in RF circuits?
- ⤷ Are there smaller package sizes available for the same 0.22 µH inductance value?