Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CT1008LSCF-R12K

  • AI
    ## CT1008LSCF-R12K Overview I can't confirm this exact part from a datasheet, so the breakdown below is based on the common conventions used in chip component part numbers. Check the manufacturer's datasheet for exact specifications. --- ## Part Number Breakdown | Segment | Likely Meaning | |---|---| | **CT** | Manufacturer or product series prefix | | **1008** | Package size: 0.10" × 0.08" (about 2.5 mm × 2.0 mm, metric 2520) | | **LS** | Likely a product line or construction code (e.g., low-profile or series designation) | | **CF** | Likely a construction or material code, such as a multilayer or ferrite-type chip | | **R12** | Inductance value: 0.12 µH (the "R" stands in for the decimal point) | | **K** | Tolerance: ±10% | --- ## Probable Component Type Based on the "R12" inductance marking and the 1008 chip size, this is most likely a **surface-mount chip inductor** with these characteristics: - **Inductance:** 0.12 µH (120 nH) - **Tolerance:** ±10% - **Mounting:** Surface-mount (SMD) - **Typical uses:** DC-DC converter filters, power-line filtering, RF matching, and signal conditioning in portable electronics --- ## Key Parameters to Check in the Datasheet - Rated current (DC and saturation) - DC resistance (DCR) - Self-resonant frequency (SRF) - Quality factor (Q) at the test frequency - Operating temperature range - Footprint and recommended land pattern --- ## Next Steps To get reliable specifications, search the part number on the manufacturer's website or on distributor sites such as Digi-Key, Mouser, or LCSC, and download the datasheet.
    ✨ Follow-up Questions
    • ⤷What is the difference between a wirewound and a multilayer chip inductor?
    • ⤷ How do I select the right rated current for a 0.12 µH inductor?
    • ⤷ What does a 1008 package size mean for PCB layout?