Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CT0603CSF-R33M

  • AI
    The **CT0603CSF-R33M** is a surface-mount (SMD) wire-wound ceramic core inductor. It belongs to the 0603 series, which is a standard industry size for compact electronic components. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific electrical characteristics of the component: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | CT0603CSF | Ceramic Substrate, Standard Frequency (0603 size) | | **Inductance** | R33 | 0.33 microhenries ($\mu H$) or 330 nanohenries ($nH$) | | **Tolerance** | M | $\pm 20\%$ | --- ### 2. Key Technical Specifications Based on standard datasheets for wire-wound ceramic inductors of this type: * **Case Size:** 0603 (1.6mm x 0.8mm). * **Inductance:** 330 nH. * **Core Material:** Ceramic (provides excellent high-frequency performance and thermal stability). * **Construction:** Wire-wound (offers higher Q-factors and higher current handling than multilayer types). * **Self-Resonant Frequency (SRF):** Typically in the range of 500 MHz to 900 MHz. * **DC Resistance (DCR):** Relatively low, usually between 0.5 to 1.5 Ohms depending on the specific manufacturer. * **Rated Current:** Generally handles between 200mA and 400mA. --- ### 3. Physical Features & Applications #### Features * **High Q-Factor:** The wire-wound design results in very low losses at high frequencies. * **Excellent Solderability:** Usually features gold or tin-plated terminations compatible with reflow soldering. * **High Precision:** The ceramic core ensures the inductance remains stable across a wide temperature range. #### Common Applications * **RF Circuits:** Used in impedance matching and resonance circuits for Bluetooth, Wi-Fi, and GPS modules. * **Filtering:** High-frequency noise suppression in communication equipment. * **Mobile Devices:** Power decoupling in smartphones and tablets where space is at a premium. --- ### 4. Schematic Representation In a circuit diagram, this part is represented by the standard inductor symbol: ```text L1 ---(XXXXXX)--- 330 nH ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect the performance of this inductor in RF circuits?
    • ⤷ Can this inductor be used for high-power DC-DC conversion?